Electronic Components Datasheet Search
  English  ▼

X  

AD9860 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9860
Description  Mixed-Signal Front-End (MxFE) Processor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9860 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9860 Datasheet HTML 5Page - Analog Devices AD9860 Datasheet HTML 6Page - Analog Devices AD9860 Datasheet HTML 7Page - Analog Devices AD9860 Datasheet HTML 8Page - Analog Devices AD9860 Datasheet HTML 9Page - Analog Devices AD9860 Datasheet HTML 10Page - Analog Devices AD9860 Datasheet HTML 11Page - Analog Devices AD9860 Datasheet HTML 12Page - Analog Devices AD9860 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
REV. 0
Typical Performance Characteristics–AD9860/AD9862
–9–
FREQUENCY – MHz
0
0
–20
–40
20
40
60
80
100
110
120
–60
–80
–100
140
–90
–70
–50
–30
–10
f
DATA = 32MSPS
4
INTERPOLATION
TPC 1. AD9862 Tx Output 6 MHz
Single Tone; CLKIN = 32 MHz;
DLL 4
Setting
FREQUENCY – MHz
0
0
–20
–40
20
40
60
80
100
110
120
–60
–80
–100
140
–120
f
DATA = 32MSPS
1
INTERPOLATION
TPC 4. TxDAC Generating an
OFDM Signal; CLKIN = 64 MHz,
DLL 2
Setting
f
OUT – MHz
520
35
–60
–65
–70
–75
–80
–85
–90
10
15
25
30
f
DATA = 64MSPS
2
INTERPOLATION
THD
2nd
3rd
TPC 7. TxDAC Harmonic
Distortion vs. fOUT
FREQUENCY – MHz
0
0
–20
–40
20
40
60
80
100
110
120
–60
–80
–100
140
–90
–70
–50
–30
–10
f
DATA = 32MSPS
4
INTERPOLATION
TPC 2. AD9862 Tx Output 6 MHz
Single Tone; CLKIN = 64 MHz;
DLL 2
Setting
FREQUENCY – MHz
0
0
–20
–40
20
40
60
80
100
110 120
–60
–80
–100
140
–120
f
DATA = 32MSPS
4
INTERPOLATION
TPC 5. TxDAC Generating an
OFDM Signal; CLKIN = 64 MHz,
DLL 2
Setting
FREQUENCY – MHz
5
20
74
10
15
25
30
73
72
71
70
69
68
0
f
DATA = 64MSPS
2
INTERPOLATION
AD9862
AD9860
TPC 8. Signal-to-Noise Ratio (SNR)
vs. fOUT
FREQUENCY – MHz
0
0
–20
–40
20
40
60
80
100
110
120
–60
–80
–100
140
–90
–70
–50
–30
–10
f
DATA = 32MSPS
4
INTERPOLATION
TPC 3. AD9862 Tx Output 6 MHz
Single Tone; CLKIN = 128 MHz;
DLL 1
Setting
FREQUENCY – MHz
7.90
0
–20
–40
–60
–80
–100
–120
7.92 7.94 7.96 7.98 8.00 8.02 8.04 8.06 8.08
f
DATA = 32MSPS
4
INTERPOLATION
TPC 6. Zoomed in Plot of Four
Notched Carriers of OFDM Signal;
CLKIN = 64 MHz, DLL 2
Setting
CARRIER FREQUENCY – MHz
5
20
–60
–65
–70
–75
–80
–85
–90
10
15
25
30
–50
–55
–95
AVDD = 3.0V
AVDD = 3.3V
AVDD = 3.6V
f
DATA = 64MSPS
2
INTERPOLATION
TPC 9. Two Tone Intermodulation
vs. fOUT1 (fOUT2 = fOUT1 + 1 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com