Electronic Components Datasheet Search
  English  ▼

X  

AD9874-EB Datasheet(PDF) 6 Page - Analog Devices

Part # AD9874-EB
Description  IF Digitizing Subsystem
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9874-EB Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9874-EB Datasheet HTML 2Page - Analog Devices AD9874-EB Datasheet HTML 3Page - Analog Devices AD9874-EB Datasheet HTML 4Page - Analog Devices AD9874-EB Datasheet HTML 5Page - Analog Devices AD9874-EB Datasheet HTML 6Page - Analog Devices AD9874-EB Datasheet HTML 7Page - Analog Devices AD9874-EB Datasheet HTML 8Page - Analog Devices AD9874-EB Datasheet HTML 9Page - Analog Devices AD9874-EB Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
REV. A
AD9874
–6–
PIN CONFIGURATION
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
48 47 46 45 44
39 38 37
43
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
GNDL
FREF
GNDS
SYNCB
GNDH
FS
DOUTB
MXOP
MXON
GNDF
IF2N
IF2P
VDDF
GCP
GCN
VDDA
GNDA
VREFP
DOUTA
CLKOUT
VDDH
VDDD
AD9874
VREFN
PE
40
41
42
13
19
18
17
16
15
14
20 21 22 23 24
PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Description
1
MXOP
Mixer Output, Positive.
2MXON
Mixer Output, Negative.
3
GNDF
Ground for Front End of ADC.
4IF2N
Second IF Input (to ADC), Negative.
5
IF2P
Second IF Input (to ADC), Positive.
6
VDDF
Positive Power Supply for Front End of ADC.
7
GCP
Filter Capacitor for ADC Full-Scale Control.
8
GCN
Full-Scale Control Ground.
9
VDDA
Positive Power Supply for ADC Back End.
10
GNDA
Ground for ADC Back End.
11
VREFP
Voltage Reference, Positive.
12
VREFN
Voltage Reference, Negative.
13
RREF
Reference Resistor: Requires 100 k
Ω to
GNDA.
14
VDDQ
Positive Power Supply for Clock Synthesizer.
15
IOUTC
Clock Synthesizer Charge Pump Output
Current.
16
GNDQ
Ground for Clock Synthesizer Charge
Pump.
17
VDDC
Positive Power Supply for Clock Synthesizer.
18
GNDC
Ground for Clock Synthesizer.
19
CLKP
Sampling Clock Input/Clock VCO Tank,
Positive.
20
CLKN
Sampling Clock Input/Clock VCO Tank,
Negative.
21
GNDS
Substrate Ground.
22
GNDD
Ground for Digital Functions.
23
PC
Clock Input for SPI Port.
24
PD
Data I/O for SPI Port.
25
PE
Enable Input for SPI Port.
26
VDDD
Positive Power Supply for Internal Digital
Function.
27
VDDH
Positive Power Supply for Digital Interface.
28
CLKOUT
Clock Output for SSI Port.
29
DOUTA
Data Output for SSI Port.
30
DOUTB
Data Output for SSI Port (Inverted) or
SPI Port.
31
FS
Frame Sync for SSI Port.
32
GNDH
Ground for Digital Interface.
33
SYNCB
Resets SSI and Decimator Counters;
Active Low.
34
GNDS
Substrate Ground.
35
FREF
Reference Frequency Input for Both
Synthesizers.
36
GNDL
Ground for LO Synthesizer.
37
GNDP
Ground for LO Synthesizer Charge Pump.
38
IOUTL
LO Synthesizer Charge Pump Output
Current Charge Pump.
39
VDDP
Positive Power Supply for LO Synthesizer
Charge Pump.
40
VDDL
Positive Power Supply for LO Synthesizer.
41
CXVM
External Filter Capacitor; DC Output of
LNA.
42
LON
LO Input to Mixer and LO Synthesizer,
Negative.
43
LOP
LO Input to Mixer and LO Synthesizer,
Positive.
44
CXVL
External Bypass Capacitor for LNA Power
Supply.
45
GNDI
Ground for Mixer and LNA.
46
CXIF
External Capacitor for Mixer V-I Con-
verter Bias.
47
IFIN
First IF Input (to LNA).
48
VDDI
Positive Power Supply for LNA and Mixer.
Pin
Mnemonic
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com