Electronic Components Datasheet Search
  English  ▼

X  

AD9874-EB Datasheet(PDF) 14 Page - Analog Devices

Part # AD9874-EB
Description  IF Digitizing Subsystem
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9874-EB Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9874-EB Datasheet HTML 10Page - Analog Devices AD9874-EB Datasheet HTML 11Page - Analog Devices AD9874-EB Datasheet HTML 12Page - Analog Devices AD9874-EB Datasheet HTML 13Page - Analog Devices AD9874-EB Datasheet HTML 14Page - Analog Devices AD9874-EB Datasheet HTML 15Page - Analog Devices AD9874-EB Datasheet HTML 16Page - Analog Devices AD9874-EB Datasheet HTML 17Page - Analog Devices AD9874-EB Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
REV. A
AD9874
–14–
Address
Bit
(Hex)
Breakdown
Width
Default Value
Name
Description
CLOCK SYNTHESIZER
0x10
(5:0)
6
00
CKR(13:8) Reference Frequency Divisor (6 MSB of a 14-Bit Word).
0x11
(7:0)
8
0x38
CKR(7:0)
Reference Frequency Divisor (8 LSB of a 14-Bit Word).
Default yields 300 kHz from fREF =16.8 MHz; Min = 3, Max = 16383.
0x12
(4:0)
5
0x00
CKN(12:8) Synthesized Frequency Divisor (5 MSB of a 13-Bit Word).
0x13
(7:0)
8
0x3C
CKN(7:0)
Synthesized Frequency Divisor (8 LSB of a 13-Bit Word).
Default yields 300 kHz from fCLK = 18 MHz; Min = 3, Max = 8191.
0x14
(6)
1
0
CKF
Enable fast acquire.
(5)
1
0
CKINV
Invert charge pump (0 = source current to increase VCO frequency).
(4:2)
3
0
CKI
Charge Pump Current in Normal Operation. IPUMP = (CKI + 1)
0.625 mA.
(1:0)
2
3
CKTM
Manual Control of CLK Charge Pump (0 = Off, 1 = Up, 2 = Down,
3 = Normal).
0x15
(5:0)
6
0x0
CKFA(13:8)
CK Fast Acquire Time Unit (6 MSB of a 14-Bit Word).
0x16
(7:0)
8
0x04
CKFA(7:0)
CK Fast Acquire Time Unit (8 LSB of a 14-Bit Word).
SSI CONTROL
0x18
(7:0)
8
0x12
SSICRA
SSI Control Register A. See Table III. (Default is FS and CLKOUT
three-stated.)
0x19
(7:0)
8
0x07
SSICRB
SSI Control Register B. See Table III. (16-bit data, maximum drive strength.)
0x1A
(3:0)
4
1
SSIORD
Output Rate Divisor. fCLKOUT = fCLK/SSIORD.
ADC TUNING
0x1C
(1)
1
0
TUNE_LC
Perform tuning on the LC portion of the ADC (cleared when done).
(0)
1
0
TUNE_RC
Perform tuning on the RC portion of the ADC (cleared when done).
0x1D
(2:0)
3
0
CAPL1(2:0)
Coarse Capacitance Setting for LC Tank (LSB is 25 pF, Differential).
0x1E
(5:0)
6
0x00
CAPL0(5:0)
Fine Capacitance Setting for LC Tank (LSB is 0.4 pF, Differential).
0x1F
(7:0)
8
0x00
CAPR
Capacitance Setting for RC Resonator (64 LSB of Fixed Capacitance).
TEST REGISTERS AND SPI PORT READ ENABLE
0x37–
(7:0)
8
0x00
TEST
Factory Test Mode. Do not use.
0x39
0x3A
(7:4, 2:0)
7
0x0
TEST
Factory Test Mode. Do not use.
(3)
1
0
SPIREN
Enable read from SPI port.
0x3B
(7:4, 2:0)
7
0x0
TEST
Factory Test Mode. Do not use.
(3)
1
0
TRI
Three-state DOUTB.
0x3C–
(7:0)
1
0x00
TEST
Factory Test Mode. Do not use.
0x3E
0x3F
(7:0)
8
Subject to
ID
Revision ID (Read-Only); A write of 0x99 to this register is equivalent to
Change
a power-on reset.
Table I. SPI Address Map (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com