Electronic Components Datasheet Search
  English  ▼

X  

AD9874-EB Datasheet(PDF) 9 Page - Analog Devices

Part # AD9874-EB
Description  IF Digitizing Subsystem
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9874-EB Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9874-EB Datasheet HTML 5Page - Analog Devices AD9874-EB Datasheet HTML 6Page - Analog Devices AD9874-EB Datasheet HTML 7Page - Analog Devices AD9874-EB Datasheet HTML 8Page - Analog Devices AD9874-EB Datasheet HTML 9Page - Analog Devices AD9874-EB Datasheet HTML 10Page - Analog Devices AD9874-EB Datasheet HTML 11Page - Analog Devices AD9874-EB Datasheet HTML 12Page - Analog Devices AD9874-EB Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
REV. A
AD9874
–9–
IFIN CLIP POINT – dBm
100
80
60
40
20
0
–19.4 –19.2 –19.0 –18.8 –18.6 –18.4
+25 C
+85 C
–40 C
TPC 4a. CDF of Maximum VGA
Attenuation Clip Point (VDDx = 3.0 V,
High Bias2)
IFIN CLIP POINT – dBm
100
80
60
40
20
0
–31.6
+25 C
+85 C
–40 C
–31.4 –31.2 –31.0 –30.8 –30.6 –30.4
TPC 5a. CDF of Minimum VGA
Attenuation Clip Point (VDDx = 3.0 V,
High Bias2)
SUPPLY CURRENT – mA
100
80
60
40
20
0
18.5 19.0 19.5 20.0 20.5 21.0 21.5 22.0
+85 C
+25 C
–40 C
TPC 6a. CDF of Supply Current
(VDDx = 3.0 V, High Bias2)
VDDx – V
2.7
3.0
3.3
3.6
–20.5
–20.0
–19.5
–19.0
–18.5
–18.0
–17.5
+25 C
+85 C
–40 C
TPC 4b. Maximum VGA Attenuation
Clip Point vs. Supply (High Bias2)
VDDx – V
–29.5
2.7
3.0
3.3
3.6
+85 C
+25 C
–30.0
–30.5
–31.0
–31.5
–32.0
–40 C
TPC 5b. Minimium VGA Attenuation
Clip Point vs. Supply (High Bias2)
fCLK – MHz
16
13
14
10
6
2
0
12
8
4
15
17
19
21
23
25
DIGITAL
(IDDD, IDDC, AND IDDL)
DIGITAL INTERFACE
(IDDH)
ANALOG
(IDDA, IDDF, AND IDDI)
TPC 6b. Supply Current vs. fCLK
(VDDx = 3.0 V, High Bias2)
VDDx – V
–17.5
2.7
3.0
3.3
3.6
–40 C
+85 C
+25 C
–18.0
–18.5
–19.0
–19.5
–20.0
–20.5
TPC 4c. Maximum VGA Attenuation
Clip Point vs. Supply (Low Bias3)
VDDx – V
–29.5
2.7
3.0
3.3
3.6
+85 C
+25 C
–30.0
–30.5
–31.0
–31.5
–32.0
–40 C
TPC 5c. Minimium VGA Attenuation
Clip Point vs. Supply (Low Bias3)
VDDx – V
18
2.7
3.0
3.3
3.6
16
12
8
4
0
DIGITAL INTERFACE
(IDDH)
DIGITAL
(IDDD, IDDC, AND IDDL)
ANALOG
(IDDA, IDDF, AND IDDI)
14
10
6
2
TPC 6c. Supply Current vs. Supply
(High Bias2)
(VDDI = VDDF = VDDA = VDDC = VDDL = VDDD = VDDH = VDDx, VDDQ = VDDP = 5.0 V,
fCLK = 18 MSPS, fIF = 109.56 MHz, fLO = 107.4 MHz,
TA = 25 C, LO = –5 dBm, LO and CLK Synthesizer Disabled, 16-Bit Data with AGC and DVGA enabled, unless otherwise noted.)
1
1Data taken with Toko FSLM series 10
µH inductors.
2High Bias corresponds to LNA_Mixer Setting of 33 in SPI Register 0x01.
3Low Bias corresponds to LNA_Mixer Setting of 12 in SPI Register 0x01.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com