Electronic Components Datasheet Search
  English  ▼

X  

AD9874-EB Datasheet(PDF) 20 Page - Analog Devices

Part # AD9874-EB
Description  IF Digitizing Subsystem
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9874-EB Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9874-EB Datasheet HTML 16Page - Analog Devices AD9874-EB Datasheet HTML 17Page - Analog Devices AD9874-EB Datasheet HTML 18Page - Analog Devices AD9874-EB Datasheet HTML 19Page - Analog Devices AD9874-EB Datasheet HTML 20Page - Analog Devices AD9874-EB Datasheet HTML 21Page - Analog Devices AD9874-EB Datasheet HTML 22Page - Analog Devices AD9874-EB Datasheet HTML 23Page - Analog Devices AD9874-EB Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
REV. A
AD9874
–20–
An example may help illustrate how the values of LOA, LOB,
and LOR can be selected. Consider an application employing
a 13 MHz crystal oscillator (i.e., fREF = 13 MHz) with the
requirement that fREF = 100 kHz and fLO = 143 MHz (i.e.,
high side injection with fIF = 140.75 MHz and fCLK = 18 MSPS).
LOR is selected to be 130 such that fREF = 100 kHz. The
N-divider factor is 1430, which can be realized by selecting
LOB = 178 and LOA = 6.
The stability, phase noise, spur performance, and transient
response of the AD9874’s LO (and CLK) synthesizers are
determined by the external loop filter, the VCO, the N-divide
factor, and the reference frequency, FREF. A good overview
of the theory and practical implementation of PLL synthesiz-
ers (featured as a three-part series in Analog Dialogue) can
be found at:
• www.analog.com/library/analogDialogue/archives/33-03/
phase/index.html
• www.analog.com/library/analogDialogue/archives/33-05/
phase_locked/index.html
• www.analog.com/library/analogDialogue/archives/33-07/
phase3/index.html
Also, a free software copy of the Analog Devices ADIsimPLL,
a PLL synthesizer simulation tool, is available at www.analog.com.
Note that the ADF4112 model can be used as a close approxima-
tion to the AD9874’s LO synthesizer when using this software tool.
FREF
84k
~VDDL/2
LO
BUFFER
500
500
TO MIXER
LO PORT
1.75V
BIAS
LOP
LON
NOTES
1. ESD DIODE STRUCTURES OMITTED FOR CLARITY.
2. FREF STBY SWITCHES SHOWN WITH LO SYNTHESIZER ON.
Figure 6. Equivalent Input of LO and REF Buffers
Figure 6 shows the equivalent input structures of the synthesiz-
ers’ LO and REF buffers (excluding the ESD structures).
The LO input is fed to the LO synthesizer’s buffer as well as
the AD9874’s mixer’s LO port. Both inputs are self-biasing
and thus tolerate ac-coupled inputs. The LO input can be
driven with a single-ended or differential signal. Single-ended
dc-coupled inputs should ensure sufficient signal swing above
and below the common-mode bias of the LO and REF buffers
(i.e., 1.75 V and VDDL/2). Note that the fREF input is slew rate
dependent and must be driven with input signals exceeding
7.5 V/ s to ensure proper synthesizer operation. If this con-
dition can not be met, an external logic gate can be inserted
prior to the fREF input to “square-up” the signal thus allowing a
fREF input frequency approching dc.
Fast Acquire Mode
The fast acquire circuit attempts to boost the output current
when the phase difference between the divided-down LO
(i.e., fLO) and the divided-down reference frequency (i.e., fREF)
exceeds the threshold determined by the LOFA register. The
LOFA register specifies a divisor for the fREF signal that deter-
mines the period (T) of this divided-down clock. This period
defines the time interval used in the fast acquire algorithm to
control the charge pump current.
Assume for the moment that the nominal charge pump current
is at its lowest setting (i.e., LOI = 0) and denote this minimum
current by I0. When the output pulse from the phase compara-
tor exceeds T, the output current for the next pulse is 2I0.
When the pulse is wider than 2T, the output current for the
next pulse is 3I0, and so forth, up to eight times the minimum
output current. If the nominal charge pump current is more
than the minimum value (i.e., LOI > 0), the preceding rule is
only applied if it results in an increase in the instantaneous
charge pump current. If the charge pump current is set to its
lowest value (LOI = 0) and the fast acquire circuit is enabled,
the instantaneous charge pump current will never fall below 2I0
when the pulsewidth is less than T. Thus, the charge pump
current when fast acquire is enabled is given by:
II
LOI Pulsewidth T
PUMP FA
−
=× +
0
11
{
max( ,
,
)}
(4)
The recommended setting for LOFA is LOR/16. Choosing a
larger value for LOFA will increase T. Thus, for a given phase
difference between the LO input and the fREF input, the instan-
taneous charge pump current will be less than that available for
a LOFA value of LOR/16. Similarly, a smaller value for LOFA
will decrease T, making more current available for the same
phase difference. In other words, a smaller value of LOFA will
enable the synthesizer to settle faster in response to a frequency
hop than will a large LOFA value. Care must be taken to choose
a value for LOFA that is large enough (values greater than 4
recommended) to prevent the loop from oscillating back and
forth in response to a frequency hop.
Table VII. SPI Registers Associated with LO Synthesizer
Address
Bit
Default
(Hex)
Breakdown
Width
Value
Name
0x00
(7:0)
1
0xFF
STBY
0x08
(5:0)
6
0x00
LOR(13:8)
0x09
(7:0)
8
0x38
LOR(7:0)
0x0A
(7:5)
3
0x5
LOA
(4:0)
5
0x00
LOB(12:8)
0x0B
(7:0)
8
0x1D
LOB(7:0)
0x0C
(6)
1
0
LOF
(5)
1
0
LOINV
(4:2)
3
0
LOI
(1:0)
2
0
LOTM
0x0D
(3:0)
4
0x0
LOFA(13:8)
0x0E
(7:0)
8
0x04
LOFA(7:0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com