Electronic Components Datasheet Search
  English  ▼

X  

AP10G01 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AP10G01
Description  10mm SMT 14dB Active GPS Patch Antenna With Front End Saw Filter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP10G01 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AP10G01 Datasheet HTML 3Page - List of Unclassifed Manufacturers AP10G01 Datasheet HTML 4Page - List of Unclassifed Manufacturers AP10G01 Datasheet HTML 5Page - List of Unclassifed Manufacturers AP10G01 Datasheet HTML 6Page - List of Unclassifed Manufacturers AP10G01 Datasheet HTML 7Page - List of Unclassifed Manufacturers AP10G01 Datasheet HTML 8Page - List of Unclassifed Manufacturers AP10G01 Datasheet HTML 9Page - List of Unclassifed Manufacturers AP10G01 Datasheet HTML 10Page - List of Unclassifed Manufacturers AP10G01 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
SPE-11-8-100/D/SS | page 10 of 11
7.1 PCB Footprint
This drawing and its inherent design concepts are property of Taoglas. Not to
be copied or given to third parties without the written consent of Taoglas.
TW Design Centre
ALL Initial Design
Kiwi
2011/9/29
A
1.Soldered Area
2.Solder Mask Area(Green)
3.Clearance Area
4.Shielding Case Area
5.Area to be solder (Pad)
Note:
Name
Material
Finish
QTY
Patch (10mmx10mmx4.2mm)
Ceramic
Clear
1
1
Shielding Case
Tin (SPTE)
Tin Plated
1
2
PCB
FR4 0.6t
Green
1
3
Top View
Bottom View
Side View
PCB Footprint
Front
Back
Application Assembly
Ground
Side
PCB Thickness 0.8mm
B
F5
Add logo+P/N on the patch
Kiwi
2011/11/9
B
P/N
AP.10G
C
G3
Amend drawing content
Sandy
2011/11/16
Name:
1. Soldered Area
2. Solder Mask Area (Green)
3. Clearance Area
4. Shielding Case Area
5. Area to be solder (Pad)
This drawing and its inherent design concepts are property of Taoglas. Not to
be copied or given to third parties without the written consent of Taoglas.
TW Design Centre
ALL Initial Design
Kiwi
2011/9/29
A
1.Soldered Area
2.Solder Mask Area(Green)
3.Clearance Area
4.Shielding Case Area
5.Area to be solder (Pad)
Note:
Name
Material
Finish
QTY
Patch (10mmx10mmx4.2mm)
Ceramic
Clear
1
1
Shielding Case
Tin (SPTE)
Tin Plated
1
2
PCB
FR4 0.6t
Green
1
3
Top View
Bottom View
Side View
PCB Footprint
Front
Back
Application Assembly
Ground
Side
PCB Thickness 0.8mm
B
F5
Add logo+P/N on the patch
Kiwi
2011/11/9
B
P/N
AP.10G
C
G3
Amend drawing content
Sandy
2011/11/16
This drawing and its inherent design concepts are property of Taoglas. Not to
be copied or given to third parties without the written consent of Taoglas.
TW Design Centre
ALL Initial Design
Kiwi
2011/9/29
A
1.Soldered Area
2.Solder Mask Area(Green)
3.Clearance Area
4.Shielding Case Area
5.Area to be solder (Pad)
Note:
Name
Material
Finish
QTY
Patch (10mmx10mmx4.2mm)
Ceramic
Clear
1
1
Shielding Case
Tin (SPTE)
Tin Plated
1
2
PCB
FR4 0.6t
Green
1
3
Top View
Bottom View
Side View
PCB Footprint
Front
Back
Application Assembly
Ground
Side
PCB Thickness 0.8mm
B
F5
Add logo+P/N on the patch
Kiwi
2011/11/9
B
P/N
AP.10G
C
G3
Amend drawing content
Sandy
2011/11/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com