Electronic Components Datasheet Search
  English  ▼

X  

AP10G01 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AP10G01
Description  10mm SMT 14dB Active GPS Patch Antenna With Front End Saw Filter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP10G01 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AP10G01 Datasheet HTML 1Page - List of Unclassifed Manufacturers AP10G01 Datasheet HTML 2Page - List of Unclassifed Manufacturers AP10G01 Datasheet HTML 3Page - List of Unclassifed Manufacturers AP10G01 Datasheet HTML 4Page - List of Unclassifed Manufacturers AP10G01 Datasheet HTML 5Page - List of Unclassifed Manufacturers AP10G01 Datasheet HTML 6Page - List of Unclassifed Manufacturers AP10G01 Datasheet HTML 7Page - List of Unclassifed Manufacturers AP10G01 Datasheet HTML 8Page - List of Unclassifed Manufacturers AP10G01 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SPE-11-8-100/D/SS |
page 3 of 11
2. Specification
2.1 Patch Antenna
2.2 LNA
Parameter
Specification
Frequency
1575.42 ± 1.023MHz
Gain
Typ -10dBic @ Zenith
Impedance
50Ω
Polarization
RHCP
Axial Ratio
Max 4.0dB @ Zenith
Dimension
10mm x 10mm x 4mm (add 7.3mm depth for vertical PCB)
Connection
SMT via solder pads
Parameter
Specification
Frequency
1575.42 ± 1.023MHz
Outer Band Attenuation
F0=1575.42MHz
F0±30MHz 9dB min.
F0±50MHz 14dB min.
F0±100MHz 18dB min.
Output Impedance
50Ω
Output VSWR
2.0 Max
Pout at 1dB Gain
Compression point
Typ. 1dBm
LNA Gain, Power Consumption and Noise Figure
Voltage
LNA Gain (Typ)
Power Consumption(mA) Typ
Noise Figure Typ
Min. 1.5V
18dB
3.5mA
2.6dB
Typ. 1.8V
18dB
3.5mA
2.6dB
Max. 3.3V
18dB
3.5mA
2.6dB
2.3 Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com