Electronic Components Datasheet Search
  English  ▼

X  

AP10G01 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AP10G01
Description  10mm SMT 14dB Active GPS Patch Antenna With Front End Saw Filter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP10G01 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AP10G01 Datasheet HTML 1Page - List of Unclassifed Manufacturers AP10G01 Datasheet HTML 2Page - List of Unclassifed Manufacturers AP10G01 Datasheet HTML 3Page - List of Unclassifed Manufacturers AP10G01 Datasheet HTML 4Page - List of Unclassifed Manufacturers AP10G01 Datasheet HTML 5Page - List of Unclassifed Manufacturers AP10G01 Datasheet HTML 6Page - List of Unclassifed Manufacturers AP10G01 Datasheet HTML 7Page - List of Unclassifed Manufacturers AP10G01 Datasheet HTML 8Page - List of Unclassifed Manufacturers AP10G01 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SPE-11-8-100/D/SS |
page 5 of 11
4. LNA Noise Figure @3.0V
5. Total Specification (through Antenna, LNA)
Parameter
Specification
Frequency
1575.42 ± 1.023MHz
Gain
8 ± 4dBic @ 90°
Output Impedance
50Ω
Polarization
RHCP
Output VSWR
Max 2.0
Operation Temperature
-40°C to + 85°C
Storage Temperature
-40°C to + 85°C
Relative Humidity
40% to 95%
Input Voltage
Min. 1.5V, Typ. 1.8V, Max. 3.3V
1
1
40.00
GAIN
Scale/
5.000
dB
-10.00
Mkr1
1.5754 GHz
2.569 dB
18.100 dB
Center 1.57542 GHz BW 4 MHz
Points 11
Span 3.00 MHz
Tcold 296.50 K
Avgs Off
Att 0/ - - dB
Loss Off
Corr
9.000
NFIG
Scale/
1.000
dB
-1.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com