Electronic Components Datasheet Search
  English  ▼

X  

ADV7614BBCZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADV7614BBCZ
Description  12-Bit Deep Color with Quad HDMI Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7614BBCZ Datasheet(HTML) 5 Page - Analog Devices

  ADV7614BBCZ Datasheet HTML 1Page - Analog Devices ADV7614BBCZ Datasheet HTML 2Page - Analog Devices ADV7614BBCZ Datasheet HTML 3Page - Analog Devices ADV7614BBCZ Datasheet HTML 4Page - Analog Devices ADV7614BBCZ Datasheet HTML 5Page - Analog Devices ADV7614BBCZ Datasheet HTML 6Page - Analog Devices ADV7614BBCZ Datasheet HTML 7Page - Analog Devices ADV7614BBCZ Datasheet HTML 8Page - Analog Devices ADV7614BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
ADV7614
Rev. C | Page 5 of 20
DATA AND I2C TIMING CHARACTERISTICS
DVDD = 1.8 V ± 5%, DVDDIO = 3.3 V ± 5%, PVDD = 1.8 V ± 5%, TVDD = 3.3 V ± 5%, CVDD = 1.8 V ± 5%, TMIN to TMAX = −40°C to
+70°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
VIDEO SYSTEM CLOCK AND CRYSTAL
Crystal Nominal Frequency
24.576/28.6363
MHz
Crystal Frequency Stability
±50
ppm
LLC Frequency Range
12.825
170
MHz
External Clock Source 1
External crystal must operate at 1.8 V
Input High Voltage
VIH
Ball H15 (XTALP) driven with external
clock source
1.2
V
Input Low Voltage
VIL
Ball H15 (XTALP) driven with external
clock source
0.4
V
RESET FEATURE
Reset Pulse Width
5
ms
CLOCK OUTPUTS
LLC Mark Space Ratio
t9:t10
45:55
55:45
% duty
cycle
I2C PORTS (FAST MODE)
xCL Frequency2
400
kHz
xCL Minimum Pulse Width High2
t1
600
ns
xCL Minimum Pulse Width Low2
t2
1.3
µs
Hold Time (Start Condition)
t3
600
ns
Setup Time (Start Condition)
t4
600
ns
xDA Setup Time2
t5
100
ns
xCL and xDA Rise Time2
t6
300
ns
xCL and xDA Fall Time2
t7
300
ns
Setup Time (Stop Condition)
t8
0.6
µs
I2C PORTS (NORMAL MODE)
xCL Frequency2
100
kHz
xCL Minimum Pulse Width High2
t1
4.0
µs
xCL Minimum Pulse Width Low2
t2
4.7
µs
Hold Time (Start Condition)
t3
4.0
µs
Setup Time (Start Condition)
t4
4.7
µs
xDA Setup Time2
t5
250
ns
xCL and xDA Rise Time2
t6
1000
ns
xCL and xDA Fall Time2
t7
300
ns
Setup Time (Stop Condition)
t8
4.0
µs
DATA AND CONTROL OUTPUTS3
Data Output Transition Time SDR (CP)
t11
End of valid data to negative clock edge
0.55
ns
Data Output Transition Time SDR (CP)
t12
Negative clock edge to start of valid data
1.0
ns
VIDEO I2S PORT
Master Mode
SCLK Mark Space Ratio
t13:t14
45:55
55:45
% duty
cycle
LRCLK Data Transition Time
t15
End of valid data to negative SCLK edge
10
ns
LRCLK Data Transition Time
t16
Negative SCLK edge to start of valid data
10
ns
I2Sx Data Transition Time 4
t17
End of valid data to negative SCLK edge
5
ns
I2Sx Data Transition Time4
t18
Negative SCLK edge to start of valid data
5
ns
1
The XTAL_CTRL bit must be enabled for external oscillator operation. A 1.8 V oscillator must be used.
2
The prefix x refers to S, DDCA_S, DDCB_S, DDCC_S, and DDCD_S.
3
LLC DLL disabled.
4
The suffix x refers to 0, 1, 2, and 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com