Electronic Components Datasheet Search
  English  ▼

X  

ADV7614BBCZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADV7614BBCZ
Description  12-Bit Deep Color with Quad HDMI Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7614BBCZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADV7614BBCZ Datasheet HTML 7Page - Analog Devices ADV7614BBCZ Datasheet HTML 8Page - Analog Devices ADV7614BBCZ Datasheet HTML 9Page - Analog Devices ADV7614BBCZ Datasheet HTML 10Page - Analog Devices ADV7614BBCZ Datasheet HTML 11Page - Analog Devices ADV7614BBCZ Datasheet HTML 12Page - Analog Devices ADV7614BBCZ Datasheet HTML 13Page - Analog Devices ADV7614BBCZ Datasheet HTML 14Page - Analog Devices ADV7614BBCZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
ADV7614
Rev. C | Page 11 of 20
Pin No.
Mnemonic
Type
Description
D11
CVDD
Power
Comparator Supply Voltage (1.8 V).
D12
DDCB_SDA
HDMI input
HDCP Slave Serial Data Port B. DDCB_SDA is a 3.3 V input that is 5 V tolerant.
D13
DDCB_SCL
HDMI input
HDCP Slave Serial Clock Port B. DDCB_SCL is a 3.3 V input that is 5 V tolerant.
D14
DDCA_SCL
HDMI input
HDCP Slave Serial Clock Port A. DDCA_SCL is a 3.3 V input that is 5 V tolerant.
D15
DDCA_SDA
HDMI input
HDCP Slave Serial Data Port A. DDCA_SDA is a 3.3 V input that is 5 V tolerant.
D16
TVDD
Power
Terminator Supply Voltage (3.3 V).
D17
RXA_0+
HDMI input
Digital Input Channel 0 True of Port A in the HDMI Interface.
D18
RXA_0−
HDMI input
Digital Input Channel 0 Complement of Port A in the HDMI Interface.
E1
DE
Digital video output
Data Enable. DE is a signal that indicates active pixel data.
E2
CEC
Digital I/O
Consumer Electronic Control Channel.
E3
NC
No connect
Do Not Connect.
E4
NC
No connect
Do Not Connect.
E15
GND
Ground
Ground.
E16
GND
Ground
Ground.
E17
RXA_C+
HDMI input
Digital Input Clock True of Port A in the HDMI Interface.
E18
RXA_C−
HDMI input
Digital Input Clock Complement of Port A in the HDMI Interface.
F1
HS
Digital video output
Horizontal Synchronization Output Signal in the HDMI Processor.
F2
VS_FIELD
Digital video output
VS is a vertical synchronization output signal in the HDMI processor. FIELD is a
field synchronizationoutput signal in all interlaced video modes. VS or FIELD
can be configured for this pin.
F3
EP_MISO
Digital input
SPI Master Input/Slave Output for External EDID Interface.
F4
EP_MOSI
Digital output
SPI Master Output/Slave Input for External EDID Interface.
F15
GND
Ground
Ground.
F16
CVDD
Power
Comparator Supply Voltage (1.8 V).
F17
TVDD
Power
Terminator Supply Voltage (3.3 V).
F18
GND
Ground
Ground.
G1
P1
Digital video output
Video Pixel Output Port.
G2
P0
Digital video output
Video Pixel Output Port.
G3
EP_CS
Digital output
SPI Chip Select for External EDID Interface.
G4
EP_SCK
Digital output
SPI Clock for External EDID Interface.
G7
GND
Ground
Ground.
G8
GND
Ground
Ground.
G9
GND
Ground
Ground.
G10
GND
Ground
Ground.
G11
PVDD
Power
PLL Supply Voltage (1.8 V).
G12
PVDD
Power
PLL Supply Voltage (1.8 V).
G15
NC
No connect
Do Not Connect.
G16
NC
No connect
Do Not Connect.
G17
TEST1
Test
Connect to GND through a 10 kΩ resistor.
G18
TEST2
Test
Connect to GND through a 10 kΩ resistor.
H1
P3
Digital video output
Video Pixel Output Port.
H2
P2
Digital video output
Video Pixel Output Port.
H3
NC
No connect
Do Not Connect.
H4
NC
No connect
Do Not Connect.
H7
GND
Ground
Ground.
H8
GND
Ground
Ground.
H9
GND
Ground
Ground.
H10
GND
Ground
Ground.
H11
GND
Ground
Ground.
H12
GND
Ground
Ground.
H15
XTALP
Miscellaneousanalog
This is the input pin for the 28.6363 MHz crystal, or it can be overdriven by an
external 1.8 V, 28.6363 MHz clock oscillator source to clock the ADV7614. A
crystal frequency of 24.576 MHz is also supported.
H16
PVDD
Power
PLL Supply Voltage (1.8 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com