Electronic Components Datasheet Search
  English  ▼

X  

ADV7614BBCZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADV7614BBCZ
Description  12-Bit Deep Color with Quad HDMI Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7614BBCZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADV7614BBCZ Datasheet HTML 5Page - Analog Devices ADV7614BBCZ Datasheet HTML 6Page - Analog Devices ADV7614BBCZ Datasheet HTML 7Page - Analog Devices ADV7614BBCZ Datasheet HTML 8Page - Analog Devices ADV7614BBCZ Datasheet HTML 9Page - Analog Devices ADV7614BBCZ Datasheet HTML 10Page - Analog Devices ADV7614BBCZ Datasheet HTML 11Page - Analog Devices ADV7614BBCZ Datasheet HTML 12Page - Analog Devices ADV7614BBCZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
ADV7614
Rev. C | Page 9 of 20
PIN CONFIGURATIONAND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
GND
RXD_2–
RXD_1–
RXD_0–
RXD_C–
GND
RXC_2–
RXC_1–
RXC_0–
RXC_C–
TVDD
RXB_2–
RXB_1–
RXB_0–
RXB_C–
TVDD
TVDD
GND
RXD_5V
RXD_2+
RXD_1+
RXD_0+
RXD_C+
TVDD
RXC_2+
RXC_1+
RXC_0+
RXC_C+
TVDD
RXB_2+
RXB_1+
RXB_0+
RXB_C+
TVDD
RXA_2+
RXA_2–
TVDD
TVDD
CVDD
GND
TVDD
TVDD
GND
GND
GND
TVDD
TVDD
GND
GND
GND
GND
RXA_1+
RXA_1–
RXC_5V
RXB_5V
RXA_5V
DDCD_
SDA
DDCD_
SCL
DDCC_
SDA
DDCC_
SCL
CVDD
GND
RTERM
CVDD
DDCB_
SDA
DDCB_
SCL
DDCA_
SCL
DDCA_
SDA
TVDD
RXA_0+
RXA_0–
DE
CEC
NC
NC
NC
NC
GND
GND
RXA_C+
RXA_C–
HS
VS_
FIELD
EP_MISO EP_MOSI
GND
CVDD
TVDD
GND
P1
P0
EP_CS
EP_SCK
GND
GND
GND
GND
PVDD
PVDD
TEST1
TEST2
P3
P2
NC
NC = NO CONNECT. DO NOT CONENCT TO THIS PIN.
NC
GND
GND
GND
GND
GND
GND
XTALP
PVDD
NC
NC
GND
GND
MCLK
OUT
SPDIF/
DSD0A/
DST
DVDD
GND
GND
GND
GND
GND
XTALN
PVDD
GND
GND
P4
P5
LRCLK/
DSD2B/
DST_FF
SCLK/
DST_CLK
DVDD
DVDD
GND
GND
GND
PVDD
PVDD
PVDD
NC
NC
P6
P7
I2S3/
DSD2A/
HBR3
I2S2/
DSD1B/
HBR2
DVDD
DVDD
GND
GND
GND
PVDD
NC
NC
NC
NC
P8
GND
GND
GND
DVDD
DVDD
GND
GND
GND
PVDD
NC
NC
GND
GND
P9
DVDDIO
DVDDIO
DVDDIO
NC
NC
NC
NC
P10
P11
I2S0/
DSD0B/
HBR0
I2S1/
DSD1A/
HBR1
PVDD
PVDD
NC
NC
P12
P13
GND
GND
SCL
DVDDIO
INT1
NC
DVDDIO
GND
NC
SHARED_
EDID
NC
GND
NC
NC
GND
GND
P14
P15
GND
GND
P25
DVDDIO
SDA
INT2
DVDDIO
GND
RESET
NC
NC
GND
NC
NC
NC
NC
P16
P17
P19
P21
P23
GND
P26
TEST3
P28
GND
P31
P33
P35
GND
NC
PVDD
PVDD
NC
GND
P18
P20
P22
P24
GND
P27
LLC
P29
GND
P30
P32
P34
GND
NC
NC
NC
GND
PWRDN
Figure 5. Pin Configuration
Table 5. PinFunction Descriptions
Pin No.
Mnemonic
Type
Description
A1
GND
Ground
Ground.
A2
RXD_2−
HDMI input
Digital Input Channel 2 Complement of Port D in the HDMI Interface.
A3
RXD_1−
HDMI input
Digital Input Channel 1 Complement of Port D in the HDMI Interface.
A4
RXD_0−
HDMI input
Digital Input Channel 0 Complement of Port D in the HDMI Interface.
A5
RXD_C−
HDMI input
Digital Input Clock Complement of Port D in the HDMI Interface.
A6
GND
Ground
Ground.
A7
RXC_2−
HDMI input
Digital Input Channel 2 Complement of Port C in the HDMI Interface.
A8
RXC_1−
HDMI input
Digital Input Channel 1 Complement of Port C in the HDMI Interface.
A9
RXC_0−
HDMI input
Digital Input Channel 0 Complement of Port C in the HDMI Interface.
A10
RXC_C−
HDMI input
Digital Input Clock Complement of Port C in the HDMI Interface.
A11
TVDD
Power
Terminator Supply Voltage (3.3 V).
A12
RXB_2−
HDMI input
Digital Input Channel 2 Complement of Port B in the HDMI Interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com