Electronic Components Datasheet Search
  English  ▼

X  

ADV7614BBCZ Datasheet(PDF) 16 Page - Analog Devices

Part # ADV7614BBCZ
Description  12-Bit Deep Color with Quad HDMI Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7614BBCZ Datasheet(HTML) 16 Page - Analog Devices

Back Button ADV7614BBCZ Datasheet HTML 12Page - Analog Devices ADV7614BBCZ Datasheet HTML 13Page - Analog Devices ADV7614BBCZ Datasheet HTML 14Page - Analog Devices ADV7614BBCZ Datasheet HTML 15Page - Analog Devices ADV7614BBCZ Datasheet HTML 16Page - Analog Devices ADV7614BBCZ Datasheet HTML 17Page - Analog Devices ADV7614BBCZ Datasheet HTML 18Page - Analog Devices ADV7614BBCZ Datasheet HTML 19Page - Analog Devices ADV7614BBCZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADV7614
Data Sheet
Rev. C | Page 16 of 20
FUNCTIONAL OVERVIEW
HDMI RECEIVER
The HDMIreceiver on the ADV7614 incorporates active
equalization of the HDMIdata signals. This equalization
compensates for the high frequency lossesinherent in HDMI
and DVIcabling, especially at longer lengths and higher
frequencies. The equalizationis programmable. It is capable
of equalizing for cable lengths up to 30 meters to achieve robust
receiver performance at even the highest HDMIdata rates. The
HDMIreceiver supportsall HDTV formats up to 1080p and all
display resolutionsup to UXGA(1600 × 1200 at 60 Hz).
With the inclusionofHDCP, displayscan receiveencryptedvideo
content. The HDMIinterfaceoftheADV7614 allowsfor authen-
tication of a video receiver, decryption of encoded dataat the
receiver, andrenewabilityofthat authentication during transmis-
sion as specified by the HDCP 1.3 protocol.
The HDMIreceiver offersadvanced audio functionality. It sup-
ports multichannel I2S audio for up to eight channels. It also
supportsa six-DSDchannel interfacewith eachchannel carrying
an oversampled1-bit representation of the audiosignal as
delivered on SACD. It incorporates a DST interfacethat outputs
audio data decoded from DST audio packets.The ADV7614
can also receive HBR audio packet streams and outputs them
through the HBR interface in an S/PDIF format conforming to
the IEC60958 standard. It supports multichannel I2S audio for
up to eight channels. The receiver also contains an audio mute
controller that can detect a variety of conditions that may result
in audible extraneous noisein the audio output. On detection of
these conditions, the audio datacan be ramped to prevent audio
clicks or pops.
COMPONENT PROCESSOR (CP)
The video standardssupported by the CP are525i, 625i, 525p,
625p, 720p, 1080i, 1080p, 1250i, VGA up to UXGA at 60 Hz,
and many other standards.
Automaticadjustmentswithin the CP include gain (contrast)
and offset (brightness); manual adjustment controls arealso
supported.
A fully programmable any-to-any 3 × 3 color space conversion
(CSC) matrix is placed between the HDMIprocessor and the
CP section. This enables YCrCb-to-RGBand YCrCb-to-RGB
conversions. Many other standardsof color space can be
implemented using the color space converter.
CP PIXEL DATA OUTPUT MODES
The output section of the CP is highly flexible. It can be confi-
gured in an SDR mode with one data packet perclockcycle
or in a DDR mode wheredata is presented on the rising and
falling edge of the clock. In SDR mode, a 16-/20-/24-bit 4:2:2 or
24-/30-/36-bit 4:4:4 output is possible.In these modes, the HS,
VS, FIELD, and DE(where applicable)timing referencesignals
are provided. In DDR mode, theADV7614 can beconfiguredin
an 8-/10-/12-bit 4:2:2 YCrCb or 12-bit 4:4:4 RGB/YCrCb pixel
output interfacewith corresponding timing signals.
I2C INTERFACE
The ADV7614 supports a 2-wire serial (I2C-compatible)
microprocessor busdriving multiple peripherals. The
ADV7614 is controlled by an external I2C master device,
such as a microcontroller.
OTHER FEATURES
In addition toHS,VS, andFIELDoutput signals withprogramma-
ble position, polarity, and width, the ADV7614 provides the
following:
•
Programmableinterrupt request outputpins: INT1 and INT2
•
Low power consumption: 1.8 V digital core, 3.3 V digital
input/output, low powerpower-down mode, and green
PC mode
•
15 mm × 15 mm, RoHS-compliant BGA package
For more detailed product information about the ADV7614,
contact a local Analog Devices, Inc., sales office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com