Electronic Components Datasheet Search
  English  ▼

X  

AM7968 Datasheet(PDF) 60 Page - Advanced Micro Devices

Part # AM7968
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7968 Datasheet(HTML) 60 Page - Advanced Micro Devices

Back Button AM7968 Datasheet HTML 56Page - Advanced Micro Devices AM7968 Datasheet HTML 57Page - Advanced Micro Devices AM7968 Datasheet HTML 58Page - Advanced Micro Devices AM7968 Datasheet HTML 59Page - Advanced Micro Devices AM7968 Datasheet HTML 60Page - Advanced Micro Devices AM7968 Datasheet HTML 61Page - Advanced Micro Devices AM7968 Datasheet HTML 62Page - Advanced Micro Devices AM7968 Datasheet HTML 63Page - Advanced Micro Devices AM7968 Datasheet HTML 64Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 127 page
background image
AMD
56
TAXIchip Integrated Circuits Technical Manual
Encoded
HEX
Binary
Symbol
Mnemonic
HEX
Binary
0
0000
XXXXX XXXXX
Data
No Change
No Change
(Note 2)
(Note 2)
No STRB
No STRB
11000 10001
JK (8-bit Sync)
0
0000
(Note 1)
(Note 1)
1
0001
11111 11111
I I
1
0001
2
0010
01101 01101
TT
2
0010
3
0011
01101 11001
TS
3
0011
4
0100
11111 00100
I H
4
0100
5
0101
01101 00111
TR
5
0101
6
0110
11001 00111
SR
6
0110
7
0111
11001 11001
SS
7
0111
8 (Note 3)
1000
00100 00100
HH
8
1000
9
1001
00100 11111
HI
9
1001
A (Note 3)
1010
00100 00000
HQ
A
1010
B
1011
00111 00111
RR
B
1011
C
1100
00111 11001
RS
C
1100
D (Note 3)
1101
00000 00100
QH
D
1101
E (Note 3)
1110
00000 11111
Q I
E
1110
F (Note 3)
1111
00000 00000
QQ
F
1111
9-Bit Mode
0
000
XXXXXX XXXXX
Data
No Change
No Change
(Note 2)
(Note 2)
No STRB
No STRB
011000 10001
LK (9-bit Sync)
0
000
(Note 1)
(Note 1)
1
001
111111 11111
I’I
1
001
2
010
011101 01101
T’T
2
010
3
011
011101 11001
T’S
3
011
4
100
111111 00100
I’H
4
100
5
101
011101 00111
T’R
5
101
6
110
111001 00111
S’R
6
110
7
111
111001 11001
S’S
7
111
10-Bit Mode
0
00
XXXXXX XXXXXX
Data
No Change
No Change
(Note 2)
(Note 2)
No STRB
No STRB
011000 100011
LM (10-bit Sync)
0
00
(Note 1)
(Note 1)
1
01
111111 111111
I’I ’
1
01
2
10
011101 011101
T’T’
2
10
3
11
011101 111001
T’S’
3
11
Notes:
1. Command pattern Sync cannot be explicitly sent by Am7968 Transmitter with any combination of inputs
and STRB, but is used to pad between user data.
2. A strobe with all Os on the Command input lines will cause Data to be sent. See Table 3-1.
3. While these Commands are legal data and will not disrupt normal operation if used occasionally, they
may cause data errors if grouped into recurrent fields. Normal PLL operation cannot be guaranteed if
one or more of these Commands is continuously repeated.
Command Input
Command Output
Am7969 Receiver
Am7968 Transmitter
8-Bit Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com