Electronic Components Datasheet Search
  English  ▼

X  

AM7968 Datasheet(PDF) 88 Page - Advanced Micro Devices

Part # AM7968
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7968 Datasheet(HTML) 88 Page - Advanced Micro Devices

Back Button AM7968 Datasheet HTML 84Page - Advanced Micro Devices AM7968 Datasheet HTML 85Page - Advanced Micro Devices AM7968 Datasheet HTML 86Page - Advanced Micro Devices AM7968 Datasheet HTML 87Page - Advanced Micro Devices AM7968 Datasheet HTML 88Page - Advanced Micro Devices AM7968 Datasheet HTML 89Page - Advanced Micro Devices AM7968 Datasheet HTML 90Page - Advanced Micro Devices AM7968 Datasheet HTML 91Page - Advanced Micro Devices AM7968 Datasheet HTML 92Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 127 page
background image
AMD
84
TAXIchip Integrated Circuits Technical Manual
Figure 7-9
Receiver Timing in Auto-Repeat Configuration
Sync
Data 1
Data 2
Data 3
Serial
Data
CNB1
IGM1
CNB2
IGM2
CNB3
IGM3 =
CNB1
Data 4
Data 5
Data 6
Note: IGM3 = CNB1 so RX1 is now ready to receive new data. The cycle can now be repeated.
12330E-31
7.3.2 Timing Limitations of the Auto-Repeat Configuration
Note, however, that the t46 delay adds up as it ripples through the daisy chain. If the total
delay from the first to the last Receiver in the cascade is greater than 1 byte time,
parallel data will output 1 byte time later on some Receivers than on others.
The following example is for t46 = 20 ns and a 12.5 MHz byte rate, the time between the
start of one byte to the start of the next is 80 nanoseconds. When IGM on the last
Receiver goes HIGH forcing the CNB1 on the first one to go LOW, it will take 20 x R ns
(where R is the number of Receivers in cascade) before the last IGM goes LOW again,
(allowing CNB on the first Receiver to go HIGH).
In order for the first Receiver to capture the next byte its CNB cannot remain LOW for
more than X ns (where X must be less than 1 byte period).
X = (20 x R1) + (inverter delay) + (CNB to CLK set-up)
(R1 is the number of receivers that can be connected in cascade in this format)
The CNB to CLK set-up time is specified as t47 = [(byte time/n) –32 ns]
In 8 Bit mode at 12.5 Mbyte/s, CNB to clock setup = - [(80/10) –32] = 24 ns
Figure 7-10 demonstrates an alternative scheme which will allow a virtually unlimited
number of receivers to be cascaded. The fan-out of the inverter dictates the number of
AND gates that can be driven. Multiple inverters can be connected to the last IGM
output if needed. Using this scheme guarantees that all of the receivers in cascade will



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com