Electronic Components Datasheet Search
  English  ▼

X  

AM7968 Datasheet(PDF) 66 Page - Advanced Micro Devices

Part # AM7968
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7968 Datasheet(HTML) 66 Page - Advanced Micro Devices

Back Button AM7968 Datasheet HTML 62Page - Advanced Micro Devices AM7968 Datasheet HTML 63Page - Advanced Micro Devices AM7968 Datasheet HTML 64Page - Advanced Micro Devices AM7968 Datasheet HTML 65Page - Advanced Micro Devices AM7968 Datasheet HTML 66Page - Advanced Micro Devices AM7968 Datasheet HTML 67Page - Advanced Micro Devices AM7968 Datasheet HTML 68Page - Advanced Micro Devices AM7968 Datasheet HTML 69Page - Advanced Micro Devices AM7968 Datasheet HTML 70Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 127 page
background image
AMD
62
TAXIchip Integrated Circuits Technical Manual
common mode range. The average DC value of the input signal is therefore relatively
unimportant.
There are three broad classes of TAXl-to-media interface:
1. Very short (<3
″ link length), usually DC coupled.
2. Terminated, DC coupled.
3. Terminated, AC coupled.
The short link is typical of a TAXIchip set to optical components connection. The
terminated cases are used for driving cables, also optical or other components with
incompatible power supply and/or logic level requirements may sometimes need circuits
and layout that exceed 3
″.
5.1 Very Short Link, DC Coupled
For DC coupled inter-connections in which the distance between the serial pins and the
next device is less than 3
″, transmission line terminations are not necessary. All that is
required is an appropriate PECL pull-down resistor, RE. Elimination of reflections is not
required for these short line lengths because the round-trip propagation is significantly
less than the 2 ns TAXIchip set rise and fall time. The effect of media mismatch in this
case is distortion and slowing of the transition due to the addition of the reflection to the
still changing edge.
Figure 5-1a
Standard Load Circuit
VOH = 4.1 V
VCC –2 V = 3 V
IOH
50
Ω
12330E-7
Figure 5-1b
Pull-Down with IOH Matched to Standard Load
IOH
RE
VOH = 4.1 V
C
12330E-8
The lower limit for RE is that value which produces the maximum value of lOH. In a
standard PECL load circuit (Figure 5-1a) lOH max is given by:
(VOH – (VCC –2))/50 = (4.1–3)/50 = 22 mA
If we return RE to ground instead of 3 V (Figure 5-1b), the minimum value of RE
becomes 4.1 V/22 mA, or 186
Ω.
Reflections due to mismatch can be minimized by locating the pull-down resistor at the
end of the line, rather than the source. A mismatched line termination will give a
reflection coefficient less than one while leaving the end of the line open will give a
reflection coefficient of one (maximum reflection). Note that the supply voltage and logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com