Electronic Components Datasheet Search
  English  ▼

X  

AM7968 Datasheet(PDF) 100 Page - Advanced Micro Devices

Part # AM7968
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7968 Datasheet(HTML) 100 Page - Advanced Micro Devices

Back Button AM7968 Datasheet HTML 96Page - Advanced Micro Devices AM7968 Datasheet HTML 97Page - Advanced Micro Devices AM7968 Datasheet HTML 98Page - Advanced Micro Devices AM7968 Datasheet HTML 99Page - Advanced Micro Devices AM7968 Datasheet HTML 100Page - Advanced Micro Devices AM7968 Datasheet HTML 101Page - Advanced Micro Devices AM7968 Datasheet HTML 102Page - Advanced Micro Devices AM7968 Datasheet HTML 103Page - Advanced Micro Devices AM7968 Datasheet HTML 104Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 127 page
background image
AMD
96
TAXIchip Integrated Circuits Technical Manual
TAXI Technical Information Publication #89-02
Subject: TAXlchip RESET Pin Function
Question:
How long must the
RESET pin be held low in order to insure that the TAXIchip has
reset?
Answer:
The
RESET pin is level sensitive and after a LOW input level is asserted it instantane-
ously forces the Phase Lock Loop (PLL) to its lowest possible frequency (approximately
5 to 10 MHz). A 1 ms LOW pulse should allow sufficient time for the PLL to reach a
stable state. Preliminary tests conducted in the lab reported that for the full TAXI
frequency and temperature range, the time required to recover from a reset was less
than 100
µs.
Resetting is intended to allow graceful recovery from the rare occurrence of a PLL
lock-up due to noise bursts on the serial data lines, as may occur when light is removed
from certain optical links. In a fiber-optic coupled system, loss of optical signal may
cause the optical receiver to oscillate, causing the TAXI Receiver to track the oscillation
to an indeterminate frequency. Care must be taken to avoid the oscillation, or a reset
can be used to recover from it. After reset, the PLL begins tracking incoming data, and
the byte boundary remains undefined until the transmitted data includes a Sync (JK).
The Sync is a unique bit pattern which forces the TAXI Receiver to align itself to the
correct byte boundary.
In a coaxial system when a loss of incoming signal drive occurs, there will be no data for
the TAXI Receiver to track. This
quiet state will be interpreted as a continuous data
pattern. The Receiver decodes this
Quiet-Line-State differently depending upon the
operational mode selected: 8-bit, 9-bit, or 10-bit. In 8-bit mode the TAXI Receiver will
generate continuous CSTRBs with command outputs all high (
F Hex). In 9-bit or 10-bit
modes there is no defined interpretation of an incoming quiet data stream thus generat-
ing continuous CSTRBs and forcing the violation output (VLIN) to be continuously high.
Further information on the effects of incoming signal drive loss is available in TAXI TIP
#89-01,
Receiver Response to Loss of Input Signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com