Electronic Components Datasheet Search
  English  ▼

X  

AM7968 Datasheet(PDF) 105 Page - Advanced Micro Devices

Part # AM7968
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7968 Datasheet(HTML) 105 Page - Advanced Micro Devices

Back Button AM7968 Datasheet HTML 101Page - Advanced Micro Devices AM7968 Datasheet HTML 102Page - Advanced Micro Devices AM7968 Datasheet HTML 103Page - Advanced Micro Devices AM7968 Datasheet HTML 104Page - Advanced Micro Devices AM7968 Datasheet HTML 105Page - Advanced Micro Devices AM7968 Datasheet HTML 106Page - Advanced Micro Devices AM7968 Datasheet HTML 107Page - Advanced Micro Devices AM7968 Datasheet HTML 108Page - Advanced Micro Devices AM7968 Datasheet HTML 109Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 127 page
background image
AMD
101
TAXIchip Integrated Circuits Technical Manual
TAXI Technical Information Publication #89-07
Subject: Synchronous vs. Asynchronous Strobe
Question:
When should synchronous vs. asynchronous strobing be employed?
Answer:
Inputs to the TAXI Transmitter can be strobed asynchronously, but with some limita-
tions. In
local mode, the STROBE edge can rise at any time, without regard for place-
ment within any particular byte. The data associated with the STROBE (STRB) will be
latched into the Transmitter, and will be transmitted at the earliest opportunity. If some
system limitation insures that a second STRB cannot ever be within the same byte time
(80.0 ns at 125 MHz), then there is no need to observe the ACK output of the TAXI
Transmitter.
If no such guarantee exists, then ACK must be used to insure that no more than two
STRBS lie within a single byte. Again there is no restriction on STROBE placement
within a byte, since ACK will always insure that the capacity of the TAXI input buffer is
not exceeded. The TAXI input buffering can handle two STRBS within a single byte, but
this additional buffer must be
flushed by the absence of a STRB in a given byte before
another two-strobe byte is encountered.
In an early revision of the 70 MHz Transmitter, there was a particular placement of
STROBE with respect to the falling edge of CLK, that could cause loss of data. This lead
to several revisions of technical literature mentioning the
Prohibited Zone, and Uncer-
tainty Zone. This restriction in STROBE placement has been removed in the 125 MHz
version of the Transmitter. T6 in the data sheet, now refers only to the exact placement
of the internal byte boundary. Knowledge of this time is only important for synchronous
systems to predict in which byte the data will appear.
The only restriction on Local mode asynchronous STRB input would be in systems
which require contiguous data output from the TAXI Receiver. It is possible that when
strobing asynchronously, there will be an occasional byte with no strobe, and another
nearby byte with two strobes. The Transmitter has sufficient buffering to handle this
condition, but will pad the missing byte with a Sync character. For systems that have this
restriction, STRB should be made synchronous with the CLK of Transmitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com