Electronic Components Datasheet Search
  English  ▼

X  

AM79C30A Datasheet(PDF) 32 Page - Advanced Micro Devices

Part # AM79C30A
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C30A Datasheet(HTML) 32 Page - Advanced Micro Devices

Back Button AM79C30A Datasheet HTML 28Page - Advanced Micro Devices AM79C30A Datasheet HTML 29Page - Advanced Micro Devices AM79C30A Datasheet HTML 30Page - Advanced Micro Devices AM79C30A Datasheet HTML 31Page - Advanced Micro Devices AM79C30A Datasheet HTML 32Page - Advanced Micro Devices AM79C30A Datasheet HTML 33Page - Advanced Micro Devices AM79C30A Datasheet HTML 34Page - Advanced Micro Devices AM79C30A Datasheet HTML 35Page - Advanced Micro Devices AM79C30A Datasheet HTML 36Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 101 page
background image
32
Am79C30A/32A Data Sheet
processor that the MAP digital circuitry is functional.
Note that the digital patterns received after loopback
will not be identical to the transmitted patterns. The
D-D gain is approximately 2.5 dB.
MAP Digital Loopback 2
This loopback mode connects the analog D/A output
path to the analog A/D input path, internal to the DSC
circuit. The EAR and LS outputs and both AIN inputs
will be disabled. This mode allows verification from the
S Interface or microprocessor that the MAP analog and
digital circuitry are functional. The digital patterns re-
ceived after loopback will not be identical to the trans-
mitted patterns.
The bits in the MAP mode Register define the en-
able/disable options for the various MAP configurations
as follows.
MAP Registers
The MAP contains the programmable registers found in
Table 31.
Note:
It is necessary to complete any transfers to the multi-byte
MAP registers. For instance, a total of 16 bytes must be trans-
ferred to update the X filter.
Following reset, the MAP registers FTGR, MMR1,
MMR2, MMR3, STRA, and STRF all default to 00 hex.
All other MAP registers are not affected by reset and
must be programmed by the microprocessor before
being enabled. When the registers are disabled, or
after reset, the MAP will have the response shown in
Table 32.
Table 31.
Map Registers
MAP Register
Bytes
Mnemonic
X-filter Coefficient Register
16
X
R-filter Coefficient Register
16
R
GX-Gain Coefficient Register
2
GX
GR-Gain Coefficient Register
2
GR
GER-Gain Coefficient Register
2
GER
Sidetone-Gain Coefficient Register
2
STGR
Frequency Tone Generator Register
2
FTGR
Amplitude Tone Generator Register
2
ATGR
MAP mode Registers (3)
1
MMR
Secondary Tone Ringer Amplitude
Reg
1
STRA
Secondary Tone Ringer Frequency
Reg
1
STRF
Transmit Peak Register
1
PEAKX
Receive Peak Register
1
PEAKR
Table 32.
Default Values
Filter
Default Response
X filter
Disabled (0 dB, Flat)
R filter
Disabled (0 dB, Flat)
GX filter
Disabled (0 dB, Gain)
GR filter
Disabled (0 dB, Gain)
GER filter
Disabled (0 dB, Gain)
Sidetone gain
Disabled (–18 dB, Gain)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com