Electronic Components Datasheet Search
  English  ▼

X  

AM79C30A Datasheet(PDF) 46 Page - Advanced Micro Devices

Part # AM79C30A
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C30A Datasheet(HTML) 46 Page - Advanced Micro Devices

Back Button AM79C30A Datasheet HTML 42Page - Advanced Micro Devices AM79C30A Datasheet HTML 43Page - Advanced Micro Devices AM79C30A Datasheet HTML 44Page - Advanced Micro Devices AM79C30A Datasheet HTML 45Page - Advanced Micro Devices AM79C30A Datasheet HTML 46Page - Advanced Micro Devices AM79C30A Datasheet HTML 47Page - Advanced Micro Devices AM79C30A Datasheet HTML 48Page - Advanced Micro Devices AM79C30A Datasheet HTML 49Page - Advanced Micro Devices AM79C30A Datasheet HTML 50Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 101 page
background image
46
Am79C30A/32A Data Sheet
D-Channel Status Register 2 — (DSR2) — Read Only
DSR2 has the format illustrated in Table 46.
Note:
*Following RESET, the Transmit buffer Available (bit 4) is set, producing a default value of 10H.
The DSR2 bits generate interrupts and are set/reset under the conditions shown in Table 47 (in addition to a hard-
ware reset or Idle mode).
Table 46.
D-Channel Status Register 2
Bit
Logical 1
Logical 0 (Default Value)
0
Last byte of received packet
Not last byte of received packet
1
Receive byte available
Receive byte not available
2
Receive packet lost
Receive packet not lost
3
Last byte transmitted
Last byte not transmitted
4
Transmit buffer available
Transmit buffer not available*
5
Mark idle detected (15 or more contiguous 1s)
Mark idle not detected
6
Flag idle detected (more than two contiguous flags)
Flag idle not detected
7
Start of second received packet in FIFO
Second packet not yet in FIFO
Table 47.
DSR2 Interrupts
Bit
Generate Interrupt
Bit Set
Bit Reset
0
Yes, if DMR3 bit 2 = 1
When last byte of a received packet is read from the
DCRB
When the microprocessor reads the
DSR2
1
Yes, if DMR1 bit 3 = 1
When DCRB contains one or more bytes of data
When DCRB is empty
2
Yes, if DMR3 bit 6 = 1
When two outstanding packets are received and not
serviced, and a third packet is received
When the microprocessor reads
DSR2
3
Yes, if DMR3 bit 4 = 1
When the last byte of a transmit packet is transferred from
the DCTB
When the microprocessor reads
DSR2
4
Yes, if DMR3 bit 5 = 1
When the DCTB is available to be loaded with a data byte
When the DCTB is full
5
No
When 15 contiguous one bits have been detected in the
incoming D channel
When the first zero bit is detected
on the incoming D channel
6
No
When more than two contiguous flags are detected on the
incoming D channels, not including a closing flag
When a non-flag character is
detected on the incoming D channel
7
Yes, if EFCR bit 1 = 1
When start of second packet is in the receive FIFO
When second receive packet is not
present



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com