Electronic Components Datasheet Search
  English  ▼

X  

AM79C30A Datasheet(PDF) 38 Page - Advanced Micro Devices

Part # AM79C30A
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C30A Datasheet(HTML) 38 Page - Advanced Micro Devices

Back Button AM79C30A Datasheet HTML 34Page - Advanced Micro Devices AM79C30A Datasheet HTML 35Page - Advanced Micro Devices AM79C30A Datasheet HTML 36Page - Advanced Micro Devices AM79C30A Datasheet HTML 37Page - Advanced Micro Devices AM79C30A Datasheet HTML 38Page - Advanced Micro Devices AM79C30A Datasheet HTML 39Page - Advanced Micro Devices AM79C30A Datasheet HTML 40Page - Advanced Micro Devices AM79C30A Datasheet HTML 41Page - Advanced Micro Devices AM79C30A Datasheet HTML 42Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 101 page
background image
38
Am79C30A/32A Data Sheet
Table 38.
.Address Recognition
If DMR4 bit 6 is set to a logical 0, bit 1 of the FRARs is
ignored when matching the first incoming address byte.
If DMR4 bit 6 is set to a logical 1, all bits of the FRARs
are used when matching the first incoming address
byte. FRAR bit 1 is analogous to the C/R bit defined by
the CCITT recommendations. The address recognition
mechanism for the four FRAR/SRAR addresses can be
individually enabled/disabled via DMR1 bits 4–7.
First Received Byte-Only Address Recognition
If DMR4 bit 5 is set to a logical 1 and DMR4 bit 7 is set
to a logical 0, only the first byte of the incoming address
is compared with the values stored in the enabled
FRARs. An interrupt is generated if there is an address
match and the Valid Address interrupt is enabled. If the
address matches, the packet will be received.
Second Received Byte-Only Address Recognition
If DMR4 bits 5 and 7 are set to a logical 1, the DLC
compares only the value in the second byte of the in-
coming address with values stored in the enabled
SRARs. An interrupt is generated if there is an address
match and the Valid Address interrupt is enabled. If the
address matches, the packet will be received.
2-Byte Address Recognition
If DMR4 bit 5 is set to a logical 0, the first byte of the
incoming address is compared with the values stored in
the enabled FRARs, and the second byte of the incom-
ing address is compared with the value stored in the
corresponding SRAR. An interrupt is generated if a
match is found for both incoming address bytes with a
FRAR/SRAR pair and the Valid Address interrupt is en-
abled. If the address matches, the packet will be re-
ceived.
Disabling Address Recognition
If DMR1 bits 4, 5, 6, and 7 are all set to logical 0, all ad-
dress recognition is disabled and all addresses are rec-
ognized and received. In this case, the Am79C30A/32A
receives the first two bytes following the opening flag
(the incoming address), and then issues an End of Ad-
dress interrupt if the End of Address interrupt is enabled.
DLC Operation
DLC Transmit and Receive FIFOs
The DLC Transmit and Receive FIFOs may be config-
ured to the Normal or Extended mode of operation.Nor-
mal mode is fully backwards compatible with the
Revision D or prior DSC circuit, and is activated upon
RESET or if EFCR bit 0 is programmed to logical 0. In
Normal mode the Transmit and Receive FIFOs are
each 8 bytes in length.
The Extended mode of FIFO operation may be activated
by programming EFCR bit 0 to a logical 1, increasing the
depth of the Transmit and Receive FIFOs to 16 bytes
and 32 bytes, respectively. The setting of EFCR bit 0 to
logical 1 also alters the available programmable FIFO
threshold values set by DMR4 bits 2 and 3.
Receiving D-Channel Packets
The receiver controls the flow of D-channel data to the
D-channel Receive buffer and the termination of a re-
ceive packet. Up to two packets can be contained in the
D-channel Receive buffer.
After receiving an opening flag (a bit sequence of
01111110) and one byte of data which is not an abort
or flag on the D channel, the DLC sets the Packet-Re-
ception-in-Progress status bit (bit 2) in D-channel Sta-
tus Register 1 (DSR1). The DLC then receives the first
two bytes (the two address bytes). If address recogni-
tion is enabled, the Am79C30A/32A issues a Valid Ad-
dress interrupt if a match between the programmed
values and the received address is detected. If no
match is detected and address recognition is enabled,
the DLC ignores the packet. If address recognition is
DMR4
DMR1
Type of address recognition
Bit 7
Bit 5
Bits
7654
0
1
X
X
X
1
FRAR1
First received byte-only address
X
1
X
X
FRAR3
1X
X
X
FRAR4
1
1
X
X
X
1
SRAR1
Second received byte-only address
X
X
1
X
SRAR2
X
1
X
X
SRAR3
1
X
X
X
SRAR4
X
0
X
X
X
1
FRAR1:SRAR1
2-byte address
X
X
1
X
FRAR2:SRAR2
X
1
X
X
FRAR3:SRAR3
1
X
X
X
FRAR4:SRAR4
X
X
0
0
0
0
Address recognition disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com