Electronic Components Datasheet Search
  English  ▼

X  

AM79C30A Datasheet(PDF) 79 Page - Advanced Micro Devices

Part # AM79C30A
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C30A Datasheet(HTML) 79 Page - Advanced Micro Devices

Back Button AM79C30A Datasheet HTML 75Page - Advanced Micro Devices AM79C30A Datasheet HTML 76Page - Advanced Micro Devices AM79C30A Datasheet HTML 77Page - Advanced Micro Devices AM79C30A Datasheet HTML 78Page - Advanced Micro Devices AM79C30A Datasheet HTML 79Page - Advanced Micro Devices AM79C30A Datasheet HTML 80Page - Advanced Micro Devices AM79C30A Datasheet HTML 81Page - Advanced Micro Devices AM79C30A Datasheet HTML 82Page - Advanced Micro Devices AM79C30A Datasheet HTML 83Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 101 page
background image
Am79C30A/32A Data Sheet
79
Figure 28.
Equivalent DC Circuit at LOUT Pins for Calculation of R1 and R2
Series Resistor Calculations
Equation 1
Equation 2
Equation 3
Let R1 = R2
Equation 4
Notes:
N = 2
RL = 50 ohms
VLOUT = 2.326 V
ILOUT = 7.5 mA
Equation 5
Equation 5 should be used to determine the value of R1 and R2 for the particular transformer used by each customer.
LOUT2
LOUT1
VLOUT
+
–
R2
R1
Notes:
1. RSEC is the DC impedance of the transformer secondary (IC side of transformer).
2. RPRIM is the DC impedance of the transformer primary (line side of transformer).
3. RCORD is the DC impedance of the TE connecting cord; typically 4–6 ohms.
4. N is the transformer turns ratio (N = 2 for Am79C30A/32A).
5. RL is the S-interface line impedance (50 ohms).
6. ILOUT is the desired load current for the CCITT transmission templates (7.5 mA for 50-ohm line).
7. VLOUT is the nominal output voltage from the DSC/IDC line driver.
09893H-20
RSEC
RPRIM • N
2
RCORD • N
2
RL • N
2
ILOUT
I
LOUT
V
LOU T
R
1
R
2
R
SEC
R
PRIM
N
2
•
()
R
L
N
2
•
()
R
CORD
N
2
•
()
++
+
+
+
--------------------------------------------------------------------------------------------------------------------------------------------------------------
=
R
1
R
2
+
V
LOU T
()
I
LOUT
()
----------------------
R
SEC
R
PRI M
N
2
•
()
R
L
N
2
•
()
–
R
CORD
N
2
•
()
–
–
–
=
R
1
R
2
+
1
2
---
V
LOUT
I
LOUT
-----------------
R
SEC
R
PRIM
N
2
•
()
R
L
N
2
•
()
–
R
COR D
N
2
•
()
–
–
–



=
R
1
R
2
55.067
1
2
---R
SEC
4R
PRI M
•
()
4R
COR D
•
()
++
{}
+
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com