| Electronic Components Datasheet Search |
|
TST12AS01T Datasheet(PDF) 35 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
TST12AS01T Datasheet(HTML) 35 Page - ITT Industries |
|
35 / 96 page ![]() 35 www.ittcannon.com Dimensions shown in mm (inch) Specifications and dimensions subject to change Cannon Trident Connectors Ringlock Circular Accessories Sealed Cable Clamps for Use With Ringlock Circular Connectors • For use with jacketed cables. • Provides strain relief and wire protection. • Can be water sealed to IP65. See notes on pages 30 and 32. • For assembly instructions, see page 80. Part Number Dimensions Shell Size (Each) Nomenclature Ø A max. B ± 0,20 (.007) C* max. 10 192990-1530 TR10AHC1N 11,10 (.437) 18,80 (.740) 76,50 (3.011) 12 192990-1540 TR12AHC1N 13,60 (.535) 20,80 (.818) 77,80 (3.063) 14 192990-1550 TR14AHC1N 14,60 (.574) 22,80 (.897) 85,50 (3.366) 16 192990-1560 TR16AHC1N 16,60 (.653) 24,70 (.972) 89,80 (3.535) 18 192990-1570 TR18AHC1N 16,60 (.653) 24,70 (.972) 93,00 (3.661) 20 192990-1580 TR20AHC1N 22,10 (.870) 31,80 (1.252) 107,50 (4.232) 22 192990-1590 TR22AHC1N 22,10 (.870) 31,80 (1.252) 114,50 (4.507) 24 192990-1600 TR24AHC1N 29,60 (1.165) 41,80 (1.645) 128,50 (5.059) * Assumes a uniformly cylindrical cable. Variations in the diameter could effect sealing. Unsealed Cable Clamps for Use With Ringlock Circular Connectors • Provides strain relief and wire protection. • For assembly instructions, see page 80. * For disassembly, add 9,00 (.354) for Shell Sizes 10-16 & add 10,60 (.417) for Shell Sizes 18-24. Part Number Dimensions Shell Size (Each) Nomenclature Ø A max. B ± 0,15 (.005) ØC max. Ø D ± 0,15 (.005) E* max. 10 192922-1310 TR10ASR1N 21,50 (.846) 6,40 (.251) 8,70 (.342) 21,00 (.826) 61,30 (2.413) 12 192922-1320 TR12ASR1N 24,90 (.980) 6,40 (.251) 12,80 (.503) 24,00 (.944) 61,30 (2.413) 14 192922-1330 TR14ASR1N 27,00 (1.063) 6,40 (.251) 13,80 (.543) 27,00 (1.063) 67,10 (2.641) 16 192922-1340 TR16ASR1N 30,10 (1.185) 6,40 (.251) 17,00 (.669) 30,20 (1.189) 67,10 (2.641) 18 192990-1510 TR18ASR1N 32,00 (1.259) 7,00 (.275) 19,90 (.783) 33,20 (1.307) 70,80 (2.787) 20 192922-1350 TR20ASR1N 34,30 (1.350) 7,00 (.275) 21,00 (.827) 36,40 (1.433) 79,30 (3.122) 22 192922-1360 TR22ASR1N 37,10 (1.460) 8,20 (.322) 23,00 (.905) 39,60 (1.559) 85,30 (3.358) 24 192990-1520 TR24ASR1N 41,80 (1.645) 8,20 (.322) 27,00 (1.063) 42,80 (1.685) 90,80 (3.574) * For disassembly, add 9,00 (.354) for Shell Sizes 10-16 & add 10,60 (.417) for Shell Sizes 18-24. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |