Electronic Components Datasheet Search
  English  ▼

X  

TST12AS01T Datasheet(PDF) 64 Page - ITT Industries

Part # TST12AS01T
Description  CANNON TRIDENT SERIES
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST12AS01T Datasheet(HTML) 64 Page - ITT Industries

Back Button TST12AS01T Datasheet HTML 60Page - ITT Industries TST12AS01T Datasheet HTML 61Page - ITT Industries TST12AS01T Datasheet HTML 62Page - ITT Industries TST12AS01T Datasheet HTML 63Page - ITT Industries TST12AS01T Datasheet HTML 64Page - ITT Industries TST12AS01T Datasheet HTML 65Page - ITT Industries TST12AS01T Datasheet HTML 66Page - ITT Industries TST12AS01T Datasheet HTML 67Page - ITT Industries TST12AS01T Datasheet HTML 68Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 96 page
background image
64
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Cannon Trident Connectors
Overview of Contacts
T2P
• Two piece formed (stamped) contact
• For up to 200 mating cycles
• Full support tooling available
T3P
• Three piece machined contact
• For up to 500 mating cycles
• Full support tooling available
Standard Crimp
High Conductivity
Crimp
Machined Crimp
Solder Cup
Flow Solder (PCB)
Technical and Performance Data
Supported wire sizes
AWG 14 to 26
AWG 14 to 26
AWG 16 to 26
AWG 14 to 26
-
Current rating
13 A
16 A
13 A
13 A
Up to 30 A
Contact Resistance
(initial)
5 m
W
5 m
W
5 m
W
5 m
W
5 m
W
Mechanical endurance Up to 200 insertions Up to 200 insertions Up to 500 insertions Up to 500 insertions Up to 500 insertions
Body material
Brass
Copper Alloy
Brass
Brass
Brass
Retention spring
material
Stainless Steel
Stainless Steel
Beryllium Copper
Beryllium Copper
Beryllium Copper
Contact retention force
(minimum)
67 N
67 N
67 N
67 N
67 N
Plating Availability
Tin
Yes
Yes
Yes
Yes
Yes
Gold Flash
(0,1
µm)
Yes
Yes
Yes
Yes
Yes
Gold
0,75
µm
0,75
µm
0,4
µm (pin)
0,75
µm (socket)
0,4
µm (pin)
0,75
µm (socket)
0,4
µm (pin)
0,75
µm (socket)
Connector/Contact Capability
Snap Together
Rectangular, Slimline
(TST) and Flame
Retardant (TFR)
Yes
Yes
Yes
Yes
Yes, pre-installed in
connectors
Multiway (TM)
Yes
Yes
Yes
Yes
Yes
Ringlock (TR)
Yes
Yes
Yes
Yes
Yes
Neptune (TN)
Yes
Yes
Yes
Yes
Yes
Neptune Metal (TNM)
Yes
Yes
Yes
Yes
-
High Voltage (THV)
—
—
—
—
—
Page Number
67
67
69
70
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com