Electronic Components Datasheet Search
  English  ▼

X  

TST12AS01T Datasheet(PDF) 74 Page - ITT Industries

Part # TST12AS01T
Description  CANNON TRIDENT SERIES
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST12AS01T Datasheet(HTML) 74 Page - ITT Industries

Back Button TST12AS01T Datasheet HTML 70Page - ITT Industries TST12AS01T Datasheet HTML 71Page - ITT Industries TST12AS01T Datasheet HTML 72Page - ITT Industries TST12AS01T Datasheet HTML 73Page - ITT Industries TST12AS01T Datasheet HTML 74Page - ITT Industries TST12AS01T Datasheet HTML 75Page - ITT Industries TST12AS01T Datasheet HTML 76Page - ITT Industries TST12AS01T Datasheet HTML 77Page - ITT Industries TST12AS01T Datasheet HTML 78Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 96 page
background image
74
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Ratcheted Hand Tool
A range of single action, factory calibrated
tools are available to support the stamped
contacts and 30 A power contacts.
Signal Contact
Power Contact
Part Number
14-16 AWG
N/A
121586-5238
16-18 AWG
N/A
121586-5237
20-22, 24-26 AWG
N/A
121586-5236
N/A
12-14, 14-16, 18-20 AWG
121586-5241
Hand Tools
for Machined and Coaxial Contacts
This is a ratcheted, four indent
crimptool that is fully adjustable.
They crimp all sizes of machined
and coaxial contacts.
Hand Tool
Description
Part Number
Locator
Machined Crimp*
995-0001-585
192990-7600 (Calibrated)1
Coaxial Outer
274-7613-000
326-7512-000
Coaxial Inner
995-0001-584
326-7511-000
1Nomenclature: TH-Trident
* M22520-1-01
Hand Application Tools
Cannon Trident Connectors
Extraction Tools
Contacts can readily be removed from
the housings using an extraction tool.
The tool is placed over the contact and
the sleeve rotated slightly as it is pushed
home to release the spring. Light
pressure on the knob then ejects the
contact from the rear of the housing.
Part Number
For Signal Contact
192922-1450
For Power Contact
192900-0176
Hand Tools
for Formed (Stamped) contacts
Part Number
For Power Contact
121086-3278



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com