Electronic Components Datasheet Search
  English  ▼

X  

TST12AS01T Datasheet(PDF) 13 Page - ITT Industries

Part # TST12AS01T
Description  CANNON TRIDENT SERIES
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST12AS01T Datasheet(HTML) 13 Page - ITT Industries

Back Button TST12AS01T Datasheet HTML 9Page - ITT Industries TST12AS01T Datasheet HTML 10Page - ITT Industries TST12AS01T Datasheet HTML 11Page - ITT Industries TST12AS01T Datasheet HTML 12Page - ITT Industries TST12AS01T Datasheet HTML 13Page - ITT Industries TST12AS01T Datasheet HTML 14Page - ITT Industries TST12AS01T Datasheet HTML 15Page - ITT Industries TST12AS01T Datasheet HTML 16Page - ITT Industries TST12AS01T Datasheet HTML 17Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 96 page
background image
13
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Receptacle —
PCB Mounted
for Socket Contacts
• Mates with Free Plug, see page 10.
• Integrally molded flanges.
• Contacts are on a 5,08 (.200) grid,
symmetrical on center lines.
• Recommended PCB hole Ø 1,15 (.045).
• Connector Discriminating Pegs available,
see page 73.
Formed (Stamped)
Number of
Contacts Plating Part Number Nomenclature
2
Gold* 192900-0418 TST02RB06Y
2
Tin
192990-3300 TST02RB06T
3
Gold* 192900-0419 TST03RB06Y
3
Tin
192990-3310 TST03RB06T
4
Gold* 192900-0420 TST04RB06Y
4
Tin
192990-3320 TST04RB06T
6
Gold* 192900-0421 TST06RB06Y
6
Tin
192990-3330 TST06RB06T
12
Gold* 192900-0422 TST12RB06Y
12
Tin
192990-3340 TST12RB06T
24
Gold* 192900-0423 TST24RB06Y
24
Tin
192990-3350 TST24RB06T
36
Gold* 192900-0424 TST36RB06Y
36
Tin
192990-3360 TST36RB06T
Machined
Dimensions
BC
Part Number Nomenclature Figure
A
±0,08 (.003) ±0,08 (.003)
DE
192991-0213
TST02RB02Z
1 11,13 (.438)
N/A
19,13 (.753)
6,00 (.236)
25,00 (.984)
192991-0214
TST02RB02T
1 11,13 (.438)
N/A
19,13 (.753)
6,00 (.236)
25,00 (.984)
192991-0221
TST03RB02Z
2 16,21 (.638) 14,05 (.553)
10,24 (.403)
6,00 (.236)
20,10 (.791)
192991-0222
TST03RB02T
2 16,21 (.638) 14,05 (.553)
10,24 (.403)
6,00 (.236)
20,10 (.791)
192991-0229
TST04RB02Z
2 21,30 (.838) 14,05 (.553)
15,32 (.603)
6,00 (.236)
20,10 (.791)
192991-0230
TST04RB02T
2 21,30 (.838) 14,05 (.553)
15,32 (.603)
6,00 (.236)
20,10 (.791)
192991-0237
TST06RB02Z
2 16,20 (.637) 19,12 (.752)
10,23 (.402) 11,00 (.433) 26,00 (1.023)
192991-0238
TST06RB02T
2 16,20 (.637) 19,12 (.752)
10,23 (.402) 11,00 (.433) 26,00 (1.023)
192991-0245
TST12RB02Z
2 16,20 (.637) 29,30 (1.153) 10,26 (.404) 21,20 (.834) 35,20 (1.385)
192991-0246
TST12RB02T
2 16,20 (.637) 29,30 (1.153) 10,26 (.404) 21,20 (.834) 35,20 (1.385)
192991-0253
TST24RB02Z
2 21,30 (.838) 39,37 (1.550) 15,32 (.603) 31,30 (1.232) 45,60 (1.795)
192991-0254
TST24RB02T
2 21,30 (.838) 39,37 (1.550) 15,32 (.603) 31,30 (1.232) 45,60 (1.795)
192991-0261
TST36RB02Z
1 46,60 (1.834) 15,24 (.600) 54,64 (2.151) 21,20 (.834) 60,50 (2.382)
192991-0262
TST36RB02T
1 46,60 (1.834) 15,24 (.600) 54,64 (2.151) 21,20 (.834) 60,50 (2.382)
* Gold plating for Formed (Stamped) Contacts is 0,75 µm (30 µ in.) min gold. Gold plating for Machined Contacts is gold flash.
Figure 1
Figure 2
Pack of 100
Snap Together - Rectangular
Cannon Trident Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com