Electronic Components Datasheet Search
  English  ▼

X  

AM79C978 Datasheet(PDF) 235 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 235 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 231Page - Advanced Micro Devices AM79C978 Datasheet HTML 232Page - Advanced Micro Devices AM79C978 Datasheet HTML 233Page - Advanced Micro Devices AM79C978 Datasheet HTML 234Page - Advanced Micro Devices AM79C978 Datasheet HTML 235Page - Advanced Micro Devices AM79C978 Datasheet HTML 236Page - Advanced Micro Devices AM79C978 Datasheet HTML 237Page - Advanced Micro Devices AM79C978 Datasheet HTML 238Page - Advanced Micro Devices AM79C978 Datasheet HTML 239Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 261 page
background image
Am79C978
235
PHYSICAL DIMENSIONS*
PQL144
Thin Quad Flat Pack (measured in millimeters)
*For reference only. BSC is an ANSI standard for Basic Space Centering.
21.80
22.20
19.80
20.20
21.80
22.20
19.80
20.20
1
144
1.00 REF.
1.60 MAX
11
° – 13°
0.50 BSC
1.35
1.45
11
° – 13°
Detail Y
0.20
0.05 MM/MM
36
See Detail A
Detail Y
Base Metal
With Lead Finish
See Detail A
Seating Plane
0.08
C
0.05
S
S
D
S
0.08
M C A-B
Detail X
0
° Min.
Even Lead Sides
Odd Lead Sides
Detail X
0.20 Min.
0.13 R. Min.
Gage Plane
0.13 R. Min.
0.20 R. Max.
0.25
MH
0.05 MM/MM
0.20
M
H
A-B
S
0.20
M
S
A-B
C
D
D
S
S
A S
- B
D
S
A-B
0.20
M
C
S
A-B
D
S
0.09
0.16
1.60
MAX
0
° – 7°
0.17
0.27
0.09
0.20
0.17
0.27
0.17
0.23
0.05
0.15
0.25 BSC
0.17
0.27
0.45
0.75
0.20
C
A-B
D
16-038-PQT-1_AN
EP 137
8-11-98 lv



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com