Electronic Components Datasheet Search
  English  ▼

X  

AM79C978 Datasheet(PDF) 239 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 239 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 235Page - Advanced Micro Devices AM79C978 Datasheet HTML 236Page - Advanced Micro Devices AM79C978 Datasheet HTML 237Page - Advanced Micro Devices AM79C978 Datasheet HTML 238Page - Advanced Micro Devices AM79C978 Datasheet HTML 239Page - Advanced Micro Devices AM79C978 Datasheet HTML 240Page - Advanced Micro Devices AM79C978 Datasheet HTML 241Page - Advanced Micro Devices AM79C978 Datasheet HTML 242Page - Advanced Micro Devices AM79C978 Datasheet HTML 243Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 261 page
background image
APPENDIX A
A-1
Am79C978
Alternative Method for
Initialization
The controller may be initialized by performing I/O
writes only. That is, data can be written directly to the
appropriate control and status registers (CSR instead
of reading from the initialization block in memory). The
registers that must be written are shown in Table A-1.
These register writes are followed by writing the
START bit in CSR0.
Note:
1. The INIT bit must not be set or the initialization block will be accessed instead.
2. Needed only if SSIZE32 =0.
3. Needed only if the physical address is different from the one stored in EEPROM or if there is no EEPROM present.
Table A-1.
Registers for Alternative Initialization Method (Note 1)
Control and Status Register
Comment
CSR2
IADR[31:16] (Note 2)
CSR8
LADRF[15:0]
CSR9
LADRF[31:16]
CSR10
LADRF[47:32]
CSR11
LADRF[63:48]
CSR12
PADR[15:0] (Note 3)
CSR13
PADR[31:16] (Note 3)
CSR14
PADR[47:32] (Note 3)
CSR15
MODE
CSR24-25
BADR
CSR30-31
BADX
CSR47
TXPOLLINT
CSR49
RXPOLLINT
CSR76
RCVRL
CSR78
XMTRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com