| Electronic Components Datasheet Search |
|
AM79C978 Datasheet(PDF) 242 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C978 Datasheet(HTML) 242 Page - Advanced Micro Devices |
|
242 / 261 page ![]() B-2 Am79C978 Note: The labels in the following text are used as ref- erences in the timeline diagram that follows (Figure B-1). Setup The driver should set up descriptors in groups of three, with the OWN and STP bits of each set of three de- scriptors to read as follows: 11b, 10b, 00b. An option bit (LAPPEN) exists in CSR3, bit position 5; the software should set this bit. When set, the LAPPEN bit directs the controller to generate an INTERRUPT when STP has been written to a receive descriptor by the controller. Flow The controller polls the current receive descriptor at some point in time before a message arrives. The con- troller determines that this receive buffer is OWNed by the controller and it stores the descriptor information to be used when a message does arrive. N0 Frame preamble appears on the wire, followed by SFD and destination address. N1 The 64th byte of frame data arrives from the wire. This causes the controller to begin frame data DMA operations to the first buffer. C0 When the 64th byte of the message arrives, the controller performs a lookahead operation to the next receive descriptor. This descriptor should be owned by the controller. C1 The controller intermittently requests the bus to transfer frame data to the first buffer as it ar- rives on the wire. S1 The driver remains idle. C2 When the controller has completely filled the first buffer, it writes status to the first descriptor. C3 When the first descriptor for the frame has been written, changing ownership from the controller to the CPU, the controller will gener- ate an SRP INTERRUPT. (This interrupt ap- pears as a RINT interrupt in CSR0). S1 The SRP INTERRUPT causes the CPU to switch tasks to allow the controller’s driver to run. C4 During the CPU interrupt-generated task switching, the controller is performing a looka- head operation to the third descriptor. At this point in time, the third descriptor is owned by the CPU. Note: Even though the third buffer is not owned by the controller, existing AMD Ethernet controllers will con- tinue to perform data DMA into the buffer space that the controller already owns (i.e., buffer number 2). The controller does not know if buffer space in buffer num- ber 2 will be sufficient or not for this frame, but it has no way to tell except by trying to move the entire message into that space. Only when the message does not fit will it signal a buffer error condition--there is no need to panic at this point that it discovers that it does not yet own descriptor number 3. S2 The first task of the drivers interrupt service routing is to collect the header information from the controller’s first buffer and pass it to the application. S3 The application will return an application buffer pointer to the driver. The driver will add an off- set to the application data buffer pointer, since the controller will be placing the first portion of the message into the first and second buffers. (the modified application data buffer pointer will only be directly used by the controller when it reaches the third buffer.) The driver will place the modified data buffer pointer into the final descriptor of the group (#3) and will grant own- ership of this descriptor to the controller. C5 Interleaved with S2, S3, and S4 driver activity, the controller will write frame data to buffer number 2. S4 The driver will next proceed to copy the con- tents of the controller’s first buffer to the begin- ning of the application space. This copy will be to the exact (unmodified) buffer pointer that was passed by the application. S5 After copying all of the data from the first buffer into the beginning of the application data buffer, the driver will begin to poll the owner- ship bit of the second descriptor. The driver is waiting for the controller to finish filling the sec- ond buffer. C6 At this point, knowing that it had not previously owned the third descriptor and knowing that the current message has not ended (there is more data in the FIFO), the controller will make a last ditch lookahead to the final (third) de- scriptor. This time the ownership will be TRUE (i.e., the descriptor belongs tot he controller), because the driver wrote the application pointer into this descriptor and then changed the ownership to give the descriptor to the con- troller back at S3. Note that if steps S1, S2, and S3 have not completed at this time, a BUFF error will result. C7 After filling the second buffer and performing the last chance lookahead to the next descrip- tor, the controller will write the status and change the ownership bit of descriptor number 2. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |