Electronic Components Datasheet Search
  English  ▼

X  

AM79C978 Datasheet(PDF) 241 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 241 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 237Page - Advanced Micro Devices AM79C978 Datasheet HTML 238Page - Advanced Micro Devices AM79C978 Datasheet HTML 239Page - Advanced Micro Devices AM79C978 Datasheet HTML 240Page - Advanced Micro Devices AM79C978 Datasheet HTML 241Page - Advanced Micro Devices AM79C978 Datasheet HTML 242Page - Advanced Micro Devices AM79C978 Datasheet HTML 243Page - Advanced Micro Devices AM79C978 Datasheet HTML 244Page - Advanced Micro Devices AM79C978 Datasheet HTML 245Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 261 page
background image
APPENDIX B
B-1
Am79C978
Look-Ahead Packet Processing
(LAPP) Concept
INTRODUCTION
A driver for the controller would normally require that
the CPU copy receive frame data from the controllers
buffer space to the applications buffer space after the
entire frame has been received by the controller. For
applications that use a ping-pong windowing style, the
traffic on the network will be halted until the current
frame has been completely processed by the entire ap-
plication stack. This means that the time between last
byte of a receive frame arriving at the client’s Ethernet
controller and the client’s transmission of the first byte
of the next outgoing frame will be separated by:
1. The time that it takes the client’s CPU interrupt pro-
cedure to pass software control from the current
task to the driver,
2. Plus the time that it takes the client driver to pass
the header data to the application and request an
application buffer,
3. Plus the time that it takes the application to gener-
ate the buffer pointer and then return the buffer
pointer to the driver,
4. Plus the time that it takes the client driver to transfer
all of the frame data from the controller’s buffer
space into the application’s buffer space and then
call the application again to process the complete
frame,
5. Plus the time that it takes the application to process
the frame and generate the next outgoing frame,
and
6. Plus the time that it takes the client driver to set up
the descriptor for the controller and then write a
TDMD bit to CSR0.
The sum of these times can often be about the same
as the time taken to actually transmit the frames on the
wire, thereby, yielding a network utilization rate of less
than 50 percent.
An important thing to note is that the controller’s data
transfers to its buffer space are such that the system
bus is needed by the controller for approximately 4 per-
cent of the time. This leaves 96 percent of the system
bus bandwidth for the CPU to perform some of the in-
terframe operations in advance of the completion of
network receive activity, if possible. The question then
becomes: how much of the tasks that need to be per-
formed between reception of a frame and transmission
of the next frame can be performed before the recep-
tion of the frame actually ends at the network, and how
can the CPU be instructed to perform these tasks dur-
ing the network reception time.
The answer depends upon exactly what is happening
in the driver and application code, but the steps that
can be performed at the same time as the receive data
are arriving include as much as the first three steps and
part of the fourth step shown in the sequence above.
By performing these steps before the entire frame has
arrived, the frame throughput can be substantially
increased.
A good increase in performance can be expected when
the first three steps are performed before the end of the
network receive operation. A much more significant
performance increase could be realized if the controller
could place the frame data directly into the applica-
tion’s buffer space; (i.e., eliminate the need for step 4.)
In order to make this work, it is necessary that the ap-
plication buffer pointer be determined before the frame
has completely arrived, then the buffer pointer in the
next descriptor for the receive frame would need to be
modified in order to direct the controller to write directly
to the application buffer. More details on this operation
will be given later.
An alternative modification to the existing system can
gain a smaller but still significant improvement in per-
formance. This alternative leaves step 4 unchanged in
that the CPU is still required to perform the copy oper-
ation, but is allows a large portion of the copy operation
to be done before the frame has been completely re-
ceived by the controller, i.e., the CPU can perform the
copy operation of the receive data from the controller’s
buffer space into the application buffer space before
the frame data has completely arrived from the net-
work. This allows the copy operation of step 4 to be
performed concurrently with the arrival of network data,
rather than sequentially, following the end of network
receive activity.
OUTLINE OF LAPP FLOW
This section gives a suggested outline for a driver that
utilizes the LAPP feature of the controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com