Electronic Components Datasheet Search
  English  ▼

X  

AM79C978 Datasheet(PDF) 122 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 122 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 118Page - Advanced Micro Devices AM79C978 Datasheet HTML 119Page - Advanced Micro Devices AM79C978 Datasheet HTML 120Page - Advanced Micro Devices AM79C978 Datasheet HTML 121Page - Advanced Micro Devices AM79C978 Datasheet HTML 122Page - Advanced Micro Devices AM79C978 Datasheet HTML 123Page - Advanced Micro Devices AM79C978 Datasheet HTML 124Page - Advanced Micro Devices AM79C978 Datasheet HTML 125Page - Advanced Micro Devices AM79C978 Datasheet HTML 126Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 261 page
background image
122
Am79C978
from where it had left, when it en-
tered the suspend mode.
This bit is always read/write ac-
cessible. SPND is cleared by
H_RESET, S_RESET, or by set-
ting the STOP bit.
CSR6: RX/TX Descriptor Table Length
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-12
TLEN
Contains a copy of the transmit
encoded ring length (TLEN) field
read from the initialization block
during the Am79C978 controller
initialization. This field is written
during the Am79C978 initializa-
tion routine.
Read accessible only when either
the STOP or the SPND bit is set.
Write operations have no effect
and should not be performed.
TLEN is only defined after initial-
ization. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
11-8
RLEN
Contains a copy of the receive
encoded ring length (RLEN) read
from the initialization block during
Am79C978 controller initializa-
tion. This field is written during
the Am79C978 initialization rou-
tine.
Read accessible only when either
the STOP or the SPND bit is set.
Write operations have no effect
and should not be performed.
RLEN is only defined after initial-
ization. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
7-0
RES
Reserved locations. Read as 0s.
Write operations are ignored.
CSR7: Extended Control and Interrupt 2
Certain bits in CSR7 indicate the cause of an interrupt.
The register is designed so that these indicator bits are
cleared by writing ones to those bit locations. This
means that the software can read CSR7 and write back
the value just read to clear the interrupt condition.
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15
FASTSPNDE
Fast Suspend Enable. When
FASTSPNDE is set to 1, the
Am79C978 controller performs a
fast
suspend
whenever
the
SPND bit is set.
When a fast suspend is request-
ed, the Am79C978 controller per-
forms a quick entry into the
suspend mode. At the time the
SPND bit is set, the Am79C978
controller will complete the DMA
process of any transmit and/or re-
ceive packet that had already be-
gun DMA activity. In addition, any
transmit packet that had started
transmission will be fully transmit-
ted, and any receive packet that
had begun reception will be fully
received. However, no additional
packets will be transmitted or re-
ceived and no additional transmit
or receive DMA activity will begin.
Hence, the Am79C978 controller
may enter the suspend mode
with
transmit
and/or
receive
packets still in the FIFOs or the
SRAM.
When FASTSPNDE is 0 and the
SPND bit is set, the Am79C978
controller may take longer before
entering the suspend mode. At
the time the SPND bit is set, the
Am79C978 controller will com-
plete the DMA process of a trans-
mit packet if it had already begun,
and the Am79C978 controller will
completely
receive
a
receive
packet if it had already begun.
Additionally, all transmit packets
stored in the transmit FIFOs and
the transmit buffer area in the
SRAM (if one is enabled) will be
transmitted and all receive pack-
ets stored in the receive FIFOs,
and the receive buffer area in the
SRAM (if one is enabled) will be
transferred into system memory.
Since the FIFO and SRAM con-
tents are flushed, it may take
much
longer
before
the
Am79C978 controller enters the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com