Electronic Components Datasheet Search
  English  ▼

X  

AM79C978 Datasheet(PDF) 125 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 125 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 121Page - Advanced Micro Devices AM79C978 Datasheet HTML 122Page - Advanced Micro Devices AM79C978 Datasheet HTML 123Page - Advanced Micro Devices AM79C978 Datasheet HTML 124Page - Advanced Micro Devices AM79C978 Datasheet HTML 125Page - Advanced Micro Devices AM79C978 Datasheet HTML 126Page - Advanced Micro Devices AM79C978 Datasheet HTML 127Page - Advanced Micro Devices AM79C978 Datasheet HTML 128Page - Advanced Micro Devices AM79C978 Datasheet HTML 129Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 261 page
background image
Am79C978
125
affected by S_RESET or setting
the STOP bit.
2
MCCIINTE
PHY
Management
Command
Complete Internal Interrupt En-
able. If MCCIINTE is set to 1, the
MCCIINT bit will be able to set
the INTR bit when the internal
state machines generate man-
agement frames. For instance,
when MCCIINTE is set to 1 and
the Auto-Poll state machine gen-
erates a management frame, the
MCCIINT will set the INTR bit
upon completion of the manage-
ment frame regardless of the
comparison outcome.
This bit is always read/write ac-
cessible. MCCIINTE is set to 0 by
H_RESET and is not affected by
S_RESET or setting the STOP
bit.
1
MIIPDTINT PHY Detect Transition Interrupt.
The PHY Detect Transition Inter-
rupt is set by the Am79C978 con-
troller whenever the MIIPD bit
(BCR32, bit 14) transitions from 0
to 1 or vice versa.
This bit is always read/write ac-
cessible. MIIPDTINT is cleared
by the host by writing a 1. Writing
a 0 has no effect. MIIPDTINT is
cleared by H_RESET and is not
affected by S_RESET or setting
the STOP bit.
0
MIIPDTINTE PHY Detect Transition Interrupt
Enable. If MIIPDTINTE is set to 1,
the MIIPDTINT bit will be able to
set the INTR bit.
This bit is always read/write ac-
cessible. MIIPDTINTE is set to 0
by H_RESET and is not affected
by S_RESET or setting the STOP
bit.
CSR8: Logical Address Filter 0
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0
LADRF[15:0] Logical Address Filter, LADRF-
[15:0]. The content of this register
is undefined until loaded from the
initialization block after the INIT
bit in CSR0 has been set or a di-
rect register write has been per-
formed on this register.
These bits are read/write acces-
sible only when either the STOP
or the SPND bit is set. These bits
are unaffected by H_RESET,
S_RESET, or STOP.
CSR9: Logical Address Filter 1
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0 LADRF[31:16] Logical Address Filter, LADRF-
[31:16]. The content of this regis-
ter is undefined until loaded from
the initialization block after the
INIT bit in CSR0 has been set or
a direct register write has been
performed on this register.
These bits are These bits are
read/write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR10: Logical Address Filter 2
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0 LADRF[47:32] Logical
Address
Filter,
LADRF[47:32]. The content of
this register is undefined until
loaded
from
the
initialization
block after the INIT bit in CSR0
has been set or a direct register
write has been performed on this
register.
These bit are read/write accessi-
ble only when either the STOP or
the SPND bit is set. These bits
are unaffected by H_RESET,
S_RESET, or STOP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com