Electronic Components Datasheet Search
  English  ▼

X  

AM79C978 Datasheet(PDF) 154 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 154 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 150Page - Advanced Micro Devices AM79C978 Datasheet HTML 151Page - Advanced Micro Devices AM79C978 Datasheet HTML 152Page - Advanced Micro Devices AM79C978 Datasheet HTML 153Page - Advanced Micro Devices AM79C978 Datasheet HTML 154Page - Advanced Micro Devices AM79C978 Datasheet HTML 155Page - Advanced Micro Devices AM79C978 Datasheet HTML 156Page - Advanced Micro Devices AM79C978 Datasheet HTML 157Page - Advanced Micro Devices AM79C978 Datasheet HTML 158Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 261 page
background image
154
Am79C978
will be governed by the LEDOUT
and LEDPOL values.
This bit is always read/write ac-
cessible. LEDDIS is cleared by
H_RESET and is not affected by
S_RESET or setting the STOP
bit.
12
100E
100 Mbps Enable. When this bit
is set to 1, a value of 1 is passed
to the LEDOUT bit in this register
when the Am79C978 controller is
operating at 100 Mbps mode.
This bit is always read/write ac-
cessible. 100E is cleared by
H_RESET and is not affected by
S_RESET or setting the STOP
bit.
11-10 RES
Reserved locations. Written and
read as zeros.
9
MPSE
Magic Packet Status Enable.
When this bit is set to 1, a value of
1 is passed to the LEDOUT bit in
this register when magic frame
mode is enabled and a magic
frame is detected on the network.
This bit is always read/write ac-
cessible. MPSE is cleared by
H_RESET and is not affected by
S_RESET or setting the STOP
bit.
8
FDLSE
Full-Duplex Link Status Enable.
Indicates the Full-Duplex Link
Test Status. When this bit is set,
a value of 1 is passed to the LED-
OUT signal when the Am79C978
controller is functioning in a Link
Pass state and full-duplex opera-
tion
is
enabled.
When
the
Am79C978 controller is not func-
tioning in a Link Pass state with
full-duplex operation being en-
abled, a value of 0 is passed to
the LEDOUT signal.
This bit is always read/write ac-
cessible. FDLSE is cleared by
H_RESET and is not affected by
S_RESET or setting the STOP
bit.
7
PSE
Pulse Stretcher Enable. When
this bit is set, the LED illumination
time is extended for each new oc-
currence of the enabled function
for this LED output. A value of 0
disables the pulse stretcher.
This bit is always read/write ac-
cessible. PSE is set to 1 by
H_RESET and is not affected by
S_RESET or setting the STOP
bit.
6
LNKSE
Link Status Enable. When this bit
is set, a value of 1 will be passed
to the LEDOUT bit in this register
in Link Pass state.
This bit is always read/write ac-
cessible. LNKSE is cleared by
H_RESET and is not affected by
S_RESET or setting the STOP
bit.
5
RCVME
Receive Match Status Enable.
When this bit is set, a value of 1 is
passed to the LEDOUT bit in this
register when there is receive ac-
tivity on the network that has
passed the address match func-
tion for this node. All address
matching modes are included:
physical, logical filtering, broad-
cast, and promiscuous.
This bit is always read/write ac-
cessible. RCVME is cleared by
H_RESET and is not affected by
S_RESET or setting the STOP
bit.
4
XMTE
Transmit Status Enable. When
this bit is set, a value of 1 is
passed to the LEDOUT bit in this
register when there is transmit
activity on the network.
This bit is always read/write ac-
cessible. XMTE is set to 1 by
H_RESET and is not affected by
S_RESET or setting the STOP
bit.
3
POWER
Power. When this bit is set to 1,
the device is operating in HIGH
power mode.
2
RCVE
Receive Status Enable. When
this bit is set, a value of 1 is
passed to the LEDOUT bit in this



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com