Electronic Components Datasheet Search
  English  ▼

X  

AM79C978 Datasheet(PDF) 158 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 158 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 154Page - Advanced Micro Devices AM79C978 Datasheet HTML 155Page - Advanced Micro Devices AM79C978 Datasheet HTML 156Page - Advanced Micro Devices AM79C978 Datasheet HTML 157Page - Advanced Micro Devices AM79C978 Datasheet HTML 158Page - Advanced Micro Devices AM79C978 Datasheet HTML 159Page - Advanced Micro Devices AM79C978 Datasheet HTML 160Page - Advanced Micro Devices AM79C978 Datasheet HTML 161Page - Advanced Micro Devices AM79C978 Datasheet HTML 162Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 261 page
background image
158
Am79C978
This bit is read accessible al-
ways. DWIO is read only, write
operations have no effect. DWIO
is cleared by H_RESET and is
not affected S_RESET or by set-
ting the STOP bit.
6
BREADE
Burst Read Enable. When set,
this bit enables burst mode during
memory read accesses. When
cleared, this bit prevents the de-
vice from performing bursting
during
read
accesses.
The
Am79C978 controller can per-
form burst transfers when reading
the initialization block, the de-
scriptor
ring
entries
(when
SWSTYLE = 3), and the buffer
memory.
BREADE should be set to 1 when
the Am79C978 controller is used
in a PCI bus application to guar-
antee maximum performance.
This bit is read accessible al-
ways; write accessible only when
either the STOP or the SPND bit
is set. BREADE is cleared by
H_RESET and is not affected by
S_RESET or STOP.
5
BWRITE
Burst Write Enable. When set,
this bit enables burst mode during
memory write accesses. When
cleared, this bit prevents the de-
vice from performing bursting
during
write
accesses.
The
Am79C978 controller can per-
form burst transfers when writing
the descriptor ring entries (when
SWSTYLE = 3), and the buffer
memory.
BWRITE should be set to 1 when
the Am79C978 controller is used
in a PCI bus application to guar-
antee maximum performance.
This bit is read accessible al-
ways, write accessible only when
either the STOP or the SPND bit
is set. BWRITE is cleared by
H_RESET and is not affected by
S_RESET or STOP.
4-3
PHYSEL[1:0] PHYSEL[1:0] bits allow for soft-
ware controlled selection of differ-
ent operation and test modes.
The normal mode of operation is
when both bits 0 and 1 are set to
0 to select the Expansion ROM/
Flash. Setting bit 0 to 1 and bit 1
to 0 allows snooping of the inter-
nal MII-compatible bus to allow
External Address Detection Inter-
face (EADI). See Table 37 for de-
tails.
Table 37.
PHY Select Programming
These bits are read accessible al-
ways, these bits can only be writ-
ten from the EEPROM unless a
write-enable bit, BCR2[13], is set.
PHYSEL
[1:0]
is
cleared
by
H_RESET and is not affected by
S_RESET or STOP.
2-0
LINBC
Reserved locations. These bits
are read accessible always; write
accessible only when either the
STOP or the SPND bit is set. Af-
ter H_RESET, the value in these
bits will be 001b. The setting of
these bits have no effect on any
Am79C978 controller’s function.
LINBC
is
not
affected
by
S_RESET or STOP.
BCR19: EEPROM Control and Status
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15
PVALID
EEPROM Valid status bit. This bit
is read accessible only. PVALID
is read only; write operations
have no effect. A value of 1 in this
bit indicates that a PREAD opera-
tion has occurred, and that (1)
there is an EEPROM connected
to the Am79C978 controller inter-
face pins and (2) the contents
read from the EEPROM have
passed the checksum verification
operation.
PHYSEL [1:0]
Mode
00
Expansion ROM/Flash
01
EADI/Internal MII Snoop
10
Reserved
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com