Electronic Components Datasheet Search
  English  ▼

X  

AM79C978 Datasheet(PDF) 164 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 164 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 160Page - Advanced Micro Devices AM79C978 Datasheet HTML 161Page - Advanced Micro Devices AM79C978 Datasheet HTML 162Page - Advanced Micro Devices AM79C978 Datasheet HTML 163Page - Advanced Micro Devices AM79C978 Datasheet HTML 164Page - Advanced Micro Devices AM79C978 Datasheet HTML 165Page - Advanced Micro Devices AM79C978 Datasheet HTML 166Page - Advanced Micro Devices AM79C978 Datasheet HTML 167Page - Advanced Micro Devices AM79C978 Datasheet HTML 168Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 261 page
background image
164
Am79C978
31-0
RES
Reserved locations. Written as
zeros and read as undefined.
15-0
SVID
Subsystem Vendor ID. SVID is
used together with SID (BCR24,
bits 15-0) to uniquely identify the
add-in board or subsystem the
Am79C978 controller is used in.
Subsystem Vendor IDs can be
obtained from the PCI SIG. A val-
ue of 0 (the default) indicates that
the Am79C978 controller does
not support subsystem identifica-
tion. SVID is aliased to the PCI
Configuration
Space
register
Subsystem
Vendor ID (offset
2Ch).
This bit is always read accessi-
ble. SVID is read only. Write op-
erations are ignored. SVID is
cleared to 0 by H_RESET and is
not affected by S_RESET or by
setting the STOP bit.
BCR24: PCI Subsystem ID Register
Note: Bits 15-0 in this register are programmable
through the EEPROM.
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
SID
Subsystem ID. SID is used to-
gether with SVID (BCR23, bits
15-0) to uniquely identify the add-
in
board
or
subsystem
the
Am79C978 controller is used in.
The value of SID is up to the sys-
tem vendor. A value of 0 (the de-
fault)
indicates
that
the
Am79C978 controller does not
support subsystem identification.
SID is aliased to the PCI configu-
ration space register Subsystem
ID (offset 2Eh).
This bit is always read accessi-
ble. SID is read only. Write oper-
ations are ignored. SID is cleared
to 0 by H_RESET and is not af-
fected by S_RESET or by setting
the STOP bit.
BCR25: SRAM Size Register
Bit
Name
Description
Note: Bits 7-0 in this register are programmable
through the EEPROM.
31-8
RES
Reserved locations. Written as
zeros and read as undefined.
7-0
SRAM_SIZE SRAM Size. Specifies the upper
8 bits of the 16-bit total size of the
SRAM
buffer.
Each
bit
in
SRAM_SIZE accounts for a 512-
byte page. The starting address
for the lower 8 bits is assumed to
be 00h and the ending address
for the lower is assumed to be
FFh. Therefore, the maximum ad-
dress range is the starting ad-
dress of 0000h to ending address
of ((SRAM_SIZE+1) * 256 words)
or 17FFh. An SRAM_SIZE value
of all zeros specifies that no
SRAM will be used and the inter-
nal FIFOs will be joined into a
contiguous FIFO similar to the
PCnet-PCI II controller.
Note:
The
minimum
allowed
number of pages is eight for nor-
mal
network
operation.
The
Am79C978 controller will not op-
erate correctly with less than the
eight pages of memory. When
the minimum number of pages is
used, these pages must be allo-
cated four each for transmit and
receive.
CAUTION:
Programming
SRAM_BND and SRAM_SIZE
to the same value will cause
data corruption except in the
case where SRAM_SIZE is 0.
This bit is always read accessi-
ble; write accessible only when
the STOP bit is set. SRAM_SIZE
is
set
to
000000b
during
H_RESET and is unaffected by
S_RESET or STOP.
BCR26: SRAM Boundary Register
Bit
Name
Description
Note: Bits 7-0 in this register are programmable
through the EEPROM.
31-8
RES
Reserved locations. Written as
zeros and read as undefined.
7-0
SRAM_BND
SRAM Boundary. Specifies the
upper 8 bits of the 16-bit address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com