Electronic Components Datasheet Search
  English  ▼

X  

AM79C978 Datasheet(PDF) 165 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 165 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 161Page - Advanced Micro Devices AM79C978 Datasheet HTML 162Page - Advanced Micro Devices AM79C978 Datasheet HTML 163Page - Advanced Micro Devices AM79C978 Datasheet HTML 164Page - Advanced Micro Devices AM79C978 Datasheet HTML 165Page - Advanced Micro Devices AM79C978 Datasheet HTML 166Page - Advanced Micro Devices AM79C978 Datasheet HTML 167Page - Advanced Micro Devices AM79C978 Datasheet HTML 168Page - Advanced Micro Devices AM79C978 Datasheet HTML 169Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 261 page
background image
Am79C978
165
boundary where the receive buffer
begins in the SRAM. The transmit
buffer in the SRAM begins at ad-
dress 0 and ends at the address
located just before the address
specified by SRAM_BND. There-
fore, the receive buffer always be-
gins on a 512 byte boundary. The
lower bits are assumed to be ze-
ros. SRAM_BND has no effect in
the Low Latency Receive mode.
Note:
The
minimum
allowed
number of pages is four. The
Am79C978 controller will not op-
erate correctly with less than four
pages of memory per queue. See
Table 41 for SRAM_BND pro-
gramming details.
CAUTION:
Programming
SRAM_BND and SRAM_SIZE
to the same value will cause
data corruption except in the
case where SRAM SIZE is 0.
Read accessible always; write
accessible only when the STOP
bit is set. SRAM_BND is set to
00000000b
during
H_RESET
and is unaffected by S_RESET or
STOP.
BCR27: SRAM Interface Control Register
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15
PTR TST
Reserved. Reserved for manu-
facturing tests. Written as zero
and read as undefined.
Note: Use of this bit will cause
data corruption and erroneous
operation.
This bit is always read/write ac-
cessible. PTR_TST is set to 0 by
H_RESET and is unaffected by
S_RESET and the STOP bit.
14
LOLATRX
Low Latency Receive. When the
LOLATRX bit is set to 1, the
Am79C978 controller will switch
to an architecture applicable to
cut-through
switches.
The
Am79C978 controller will assert a
receive frame DMA after only 16
bytes of the current receive frame
has been received regardless of
where the RCVFW (CSR80, bits
13-12) are set. The watermark is
a fixed value and cannot be
changed. The receive FIFOs will
be in NO_SRAM mode while all
transmit traffic is buffered through
the SRAM. This bit is only valid
and the low latency receive only
enabled when the SRAM_SIZE
(BCR25, bits 7-0) bits are non-ze-
ro. SRAM_BND (BCR26, bits 7-
0) has no meaning when the
Am79C978 controller is in the
Low Latency mode. See the sec-
tion on SRAM Configuration for
more details.
When the LOLATRX bit is set to
0, the Am79C978 controller will
return to a normal receive config-
uration. The runt packet accept
bit (RPA, CSR124, bit 3) must be
set when LOLATRX is set.
CAUTION: To provide data in-
tegrity when switching into
and out of the low latency
mode,
DO
NOT
SET
the
FASTSPNDE (CSR7, bit 15) bit
when setting the SPND bit. Re-
ceive frames WILL be overwrit-
ten
and
the
Am79C978
controller may give erratic be-
havior when it is enable again.
The minimum allowed number
of
pages
is
four.
The
Am79C978 controller will not
operate correctly in the LOLA-
TRX mode with less than four
pages of memory.
Read/Write accessible only when
the STOP bit is set. LOLATRX is
cleared to 0 after H_RESET or
S_RESET and is unaffected by
STOP.
13-6
RES
Reserved locations. Written as
zeros and read as undefined.
Table 41.
SRAM_BND Programming
SRAM Addresses
SRAM_BND [7:0]
Minimum SRAM_BND
Address
04h
Maximum SRAM_BND Address
13h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com