Electronic Components Datasheet Search
  English  ▼

X  

AM79C978 Datasheet(PDF) 169 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 169 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 165Page - Advanced Micro Devices AM79C978 Datasheet HTML 166Page - Advanced Micro Devices AM79C978 Datasheet HTML 167Page - Advanced Micro Devices AM79C978 Datasheet HTML 168Page - Advanced Micro Devices AM79C978 Datasheet HTML 169Page - Advanced Micro Devices AM79C978 Datasheet HTML 170Page - Advanced Micro Devices AM79C978 Datasheet HTML 171Page - Advanced Micro Devices AM79C978 Datasheet HTML 172Page - Advanced Micro Devices AM79C978 Datasheet HTML 173Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 261 page
background image
Am79C978
169
MII port. When the Auto Select bit
(ASEL, BCR2, bit 1) is a 1 and the
MIIPD bit is a 1, the MII port is se-
lected. Any transition on the MI-
IPD bit will set the MIIPDTI bit in
CSR7, bit 3.
Read accessible always. MIIPD
is read only. Write operations are
ignored and should not be per-
formed.
13-12 FMDC
Fast Management Data Clock (is
used for manufacturing tests).
When FMDC is set to 1h, the MII
Management Data Clock will run
at 5 MHz max. The Management
Data Clock will no longer be IEEE
802.3u-compliant and setting this
bit should be used with care. The
accompanying
external
PHY
must also be able to accept man-
agement frames at the new clock
rate. When FMDC is set to 0h, the
MII Management Data Clock will
run at 2.5 MHz max and will be
fully compliant to IEEE 802.3u
standards. See Table 44.
This bit is always read/write ac-
cessible. FMDC is set to 0 during
H_RESET, and is unaffected by
S_RESET and the STOP bit
11
APEP
Auto-Poll PHY. When APEP is
set to 1 the Am79C978 controller
will poll the status register in the
PHY. This feature allows the soft-
ware driver or upper layers to see
any changes in the status of the
PHY. An interrupt when enabled
is generated when the contents of
the new status is different from
the previous status.
This bit is always read/write ac-
cessible. APEP is set to 0 during
H_RESET and is unaffected by
S_RESET and the STOP bit.
10-8
APDW
Auto-Poll Dwell Time. APDW de-
termines the dwell time between
PHY
Management
Frame
accesses
when
Auto-Poll
is
turned on. See Table 45.
This bit is always read/write ac-
cessible. APDW is set to 100h af-
ter H_RESET and is unaffected
by S_RESET and the STOP bit.
7
DANAS
Disable
Auto-Negotiation
Auto
Setup. When DANAS is set, the
Am79C978
controller
after
a
H_RESET or S_RESET will re-
main dormant and not automati-
cally startup the Auto-Negotiation
section or the enhanced automat-
ic port selection section. Instead,
the Am79C978 controller will wait
for the software driver to setup
the Auto-Negotiation portions of
the device. The PHY Address
and Data programming in BCR33
and BCR34 is still valid. The
Am79C978
controller
will
not
generate
any
management
frames unless Auto-Poll is en-
abled.
This bit is always read/write ac-
cessible. DANAS is set to 0 by
H_RESET and is unaffected by
S_RESET and the STOP bit.
6
XPHYRST
PHY Reset. When XPHYRST is
set, the Am79C978 controller af-
ter an H_RESET or S_RESET
will issue management frames
that will reset the PHY. This bit is
needed when there is no way to
guarantee the state of the exter-
nal PHY. This bit must be repro-
grammed after every H_RESET.
Table 44.
FMDC Values
FMDC
Fast Management Data Clock
00
2.5 MHz max
01
5 MHz max
10
Reserved
11
Reserved
Table 45.
APDW Values
APDW
Auto-Poll
 Dwell Time
000
Continuous (26
µs @ 2.5 MHz)
001
Every 128 MDC cycles (103
µs @ 2.5 MHz)
010
Every 256 MDC cycles (206
µs @ 2.5 MHz)
011
Every 512 MDC cycles (410
µs @ 2.5 MHz)
100
Every 1024 MDC cycles (819
µs @ 2.5 MHz)
101
Every 2048 MDC cycles (1640
µs @ 2.5 MHz)
110-111 Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com