Electronic Components Datasheet Search
  English  ▼

X  

AM79C978 Datasheet(PDF) 171 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 171 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 167Page - Advanced Micro Devices AM79C978 Datasheet HTML 168Page - Advanced Micro Devices AM79C978 Datasheet HTML 169Page - Advanced Micro Devices AM79C978 Datasheet HTML 170Page - Advanced Micro Devices AM79C978 Datasheet HTML 171Page - Advanced Micro Devices AM79C978 Datasheet HTML 172Page - Advanced Micro Devices AM79C978 Datasheet HTML 173Page - Advanced Micro Devices AM79C978 Datasheet HTML 174Page - Advanced Micro Devices AM79C978 Datasheet HTML 175Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 261 page
background image
Am79C978
171
whenever a read or write transac-
tion occurs to BCR34. The PHY
address 1Fh is not valid.
The Network Port Manager cop-
ies
the
PHYAD
after
the
Am79C978 controller reads the
EEPROM and uses it to commu-
nicate with the external PHY. The
PHY
address
must
be
pro-
grammed into the EEPROM prior
to starting the Am79C978 con-
troller.
These bits are always read/write
accessible. PHYAD is undefined
after H_RESET and is unaffected
by S_RESET and the STOP bit.
4-0
REGAD
Management Frame Register Ad-
dress. REGAD contains the 5-bit
Register Address field that is
used in the management frame
that gets clocked out via the inter-
nal MII management interface
whenever a read or write transac-
tion occurs to BCR34.
These bits are always read/write
accessible. REGAD is undefined
after H_RESET and is unaffected
by S_RESET and the STOP bit.
BCR34: PHY Management Data Register
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
MIIMD
MII Management Data. MIIMD is
the data port for operations on the
MII management interface (MDIO
and MDC). The Am79C978 con-
troller builds management frames
using the PHYAD and REGAD
values from BCR33. The opera-
tion code used in each frame is
based upon whether a read or
write operation has been per-
formed to BCR34. Read cycles
on the MII management interface
are invoked when BCR34 is read.
Upon completion of the read cy-
cle, the 16-bit result of the read
operation is stored in MIIMD.
Write cycles on the MII manage-
ment interface are invoked when
BCR34 is written. The value writ-
ten to MIIMD is the value used in
the data field of the management
write frame.
These bits are always read/write
accessible. MIIMD is undefined
after H_RESET and is unaffected
by S_RESET and the STOP bit.
BCR35: PCI Vendor ID Register
Note: Bits 15-0 in this register are programmable
through the EEPROM.
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
VID
Vendor ID. The PCI Vendor ID
register is a 16-bit register that
identifies the manufacturer of the
Am79C978
controller.
AMD’s
Vendor ID is 1022h. Note that this
Vendor ID is not the same as the
Manufacturer ID in CSR88 and
CSR89. The Vendor ID is as-
signed by the PCI Special Inter-
est Group.
The Vendor ID is not normally
programmable,
but
the
Am79C978 controller allows this
due to legacy operating systems
that do not look at the PCI Sub-
system Vendor ID and the Ven-
dor ID to uniquely identify the
add-in board or subsystem that
the Am79C978 controller is used
in.
Note: If the operating system
or the network operating sys-
tem supports PCI Subsystem
Vendor ID and Subsystem ID,
use those to identify the add-in
board or subsystem and pro-
gram the VID with the default
value of 1022h.
VID is aliased to the PCI configu-
ration space register Vendor ID
(offset 00h).
Read accessible always. VID is
read only. Write operations are
ignored. VID is set to 1022h by
H_RESET and is not affected by
S_RESET or by setting the STOP
bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com