Electronic Components Datasheet Search
  English  ▼

X  

AM79C98 Datasheet(PDF) 6 Page - Advanced Micro Devices

Part # AM79C98
Description  Twisted-Pair Ethernet Transceiver (TPEX)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C98 Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button AM79C98 Datasheet HTML 2Page - Advanced Micro Devices AM79C98 Datasheet HTML 3Page - Advanced Micro Devices AM79C98 Datasheet HTML 4Page - Advanced Micro Devices AM79C98 Datasheet HTML 5Page - Advanced Micro Devices AM79C98 Datasheet HTML 6Page - Advanced Micro Devices AM79C98 Datasheet HTML 7Page - Advanced Micro Devices AM79C98 Datasheet HTML 8Page - Advanced Micro Devices AM79C98 Datasheet HTML 9Page - Advanced Micro Devices AM79C98 Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
Am79C98
PIN DESCRIPTION
AV
DD
Analog Power
This pin supplies +5 V to analog portions of the TPEX
circuitry.
AV
SS
Analog Ground
This pin is the ground reference for analog portions of
the TPEX circuitry.
CI+, CI–
Control In
Output
AUI port differential driver.
DI+, DI–
Data In
Output
AUI port differential driver.
DO+, DO–
Data Out
Input
AUI port differential receiver.
DV
DD
Digital Power
This pin supplies +5 V to digital portions of the TPEX
circuitry.
DV
SS
Digital Ground
This pin is the ground reference for digital portions of
TPEX circuitry.
LNKST
Link Status
Open Drain, Input/Output
When this pin is tied LOW, the internal Link Test
Receive function is disabled and the Transmit and Re-
ceive functions will remain active irrespective of arriv-
ing idle Link Test pulses and data. TPEX continues to
generate idle Link Test pulses irrespective of the status
of this pin.
As an output, this pin is driven LOW if the link is identi-
fied as functional. However, if the link is determined to
be nonfunctional, due to missing idle Link Test pulses
or data packets, then this pin is not driven. In the LOW
output state, the pin is capable of sinking a maximum
of 16 mA and can be used to drive an LED.
This pin is internally pulled HIGH when inactive.
PRDN/RST
Power Down/Reset
Input, Active LOW
Driving this input LOW resets the internal logic of TPEX
and places the device in a special Power Down mode.
In the Power Down/Reset mode, all output drivers are
placed in their inactive state.
RCV
Receive
Output
This pin is driven HIGH while TPEX is receiving data on
the RXD pins and is transferring the received signal
onto the AUI DI pair. The RCV and XMT pins are simul-
taneously driven HIGH during collision.
REXT
External Resistor
Input
An external precision resistor is connected between
this pin and AV
DD in order to provide a voltage refer-
ence for the internal voltage-controlled oscillator
(VCO).
RXD+, RXD–
Receive Data
Input
10BASE-T port differential receivers.
RXPOL
Receive Polarity
Open Drain, Input/Output
The twisted-pair receiver is capable of detecting a re-
ceive signal with reversed polarity (wiring error). The
RXPOL pin is normally in the LOW state, indicating cor-
rect polarity of the received signal. If the receiver de-
tects reversed polarity, then this pin is not driven (goes
HIGH) and the polarity of subsequent packets is in-
verted. In the LOW output state, this pin can sink up to
a maximum of 16 mA and is therefore capable of driv-
ing an LED.
This feature can be disabled by strapping this pin LOW.
In this case, the Receive Polarity correction circuit is
disabled and the internal receive signal remains non-
inverted, irrespective of the received signal.
This pin is internally pulled HIGH when inactive.
SQE TEST
Signal Quality Test (Heartbeat) Enable
Input, Active LOW
The SQE Test function is enabled by tying this input
LOW.
This input is internally pulled HIGH when inactive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com