Electronic Components Datasheet Search
  English  ▼

X  

AM79C98 Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # AM79C98
Description  Twisted-Pair Ethernet Transceiver (TPEX)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C98 Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button AM79C98 Datasheet HTML 10Page - Advanced Micro Devices AM79C98 Datasheet HTML 11Page - Advanced Micro Devices AM79C98 Datasheet HTML 12Page - Advanced Micro Devices AM79C98 Datasheet HTML 13Page - Advanced Micro Devices AM79C98 Datasheet HTML 14Page - Advanced Micro Devices AM79C98 Datasheet HTML 15Page - Advanced Micro Devices AM79C98 Datasheet HTML 16Page - Advanced Micro Devices AM79C98 Datasheet HTML 17Page - Advanced Micro Devices AM79C98 Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
AMD
14
Am79C98
ABSOLUTE MAXIMUM RATINGS
Storage Temperature:
-65
°C to +150°C
. . . . . . . . . . .
Ambient Temperature Under Bias:
0
°C to +70°C
. . . .
Supply Voltage to AVSS or DVSS
(AVDD, DVDD):
–0.3 V to +6 V
. . . . . . . . . . . . . . . . . . .
Stresses above those listed under Absolute Maximum Rat-
ings may cause permanent device failure. Functionality at or
above these limits is not implied. Exposure to absolute maxi-
mum ratings for extended periods may affect device reliability.
OPERATING RANGES
Commercial (C) Devices
Temperature (TA):
0
°C to +70°C
. . . . . . . . . . . . . . . .
Supply Voltages (AVDD, DVDD):
+5 V
± 5%
. . . . . . . . .
Operating ranges define those limits between which the func-
tionality of the device is guaranteed.
DC CHARACTERISTICS over COMMERCIAL operating range unless otherwise specified
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Digital Input Voltage
VIL
Input LOW Voltage
DVSS-0.5
0.8
V
VIH
Input HIGH Voltage
2.0
0.5 + DVDD
V
Digital Output Voltage
VOL
Output LOW Voltage
IOL1 = 16 mA (Open drain)
0.4
V
IOL2 = 4.0 mA
VOH
Output HIGH Voltage
IOH = -0.4 mA
2.4
V
Digital Input Leakage Current
IILL
Input Leakage Current
0 < VIN < DVDD + 0.5 V
10
µA
IILD
Input Leakage Current
0 < VIN < DVDD + 0.5 V
500
µA
(Open drain pins,
output inactive)
AUI
IIAXD
Input Current at DO+, DO-
-1 < Vin < AVDD + 0.5 V
-500
500
µA
VAICM
DO+/- Open Circuit Input
IIN = 0 V
AVDD - 3.0
AVDD - 1.0
V
Common Mode Voltage (Bias)
VAIDV
Differential Mode Input
AVDD = 5 V
-2.5
+2.5
V
Voltage Range (DO+/-)
VASQ
DO+/- Squelch Threshold
160
-275
mV
VATH
DO+ Switching Threshold
(Note 1)
-35
+35
mV
VAOD
Differential Output Voltage
RL = 78
Ω
620
1100
mV
|(DI+) - (DI-)| OR |(CI+) - (CI-)|
VAODI
DI+/- & CI+/-
RL = 78
Ω
-25
+25
mV
Differential Output
(Note 1)
Voltage Imbalance
VAODOFF
DI+/- & CI+/-
RL = 78
Ω
-40
+40
mV
Differential Idle Output Voltage
IAODOFF
DI+/- & CI+/-
RL = 78
Ω
-1
1
mA
Differential Idle Output Current
(Note 1)
VAOCM
DI+/- & CI+/- Common
RL = 78
Ω
2.5
AVDD
V
Mode Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com