Electronic Components Datasheet Search
  English  ▼

X  

AM79C98 Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM79C98
Description  Twisted-Pair Ethernet Transceiver (TPEX)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C98 Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM79C98 Datasheet HTML 6Page - Advanced Micro Devices AM79C98 Datasheet HTML 7Page - Advanced Micro Devices AM79C98 Datasheet HTML 8Page - Advanced Micro Devices AM79C98 Datasheet HTML 9Page - Advanced Micro Devices AM79C98 Datasheet HTML 10Page - Advanced Micro Devices AM79C98 Datasheet HTML 11Page - Advanced Micro Devices AM79C98 Datasheet HTML 12Page - Advanced Micro Devices AM79C98 Datasheet HTML 13Page - Advanced Micro Devices AM79C98 Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
Am79C98
In both modes, the jabber circuitry, collision detection,
and collision oscillator functions are disabled and the
AUI and RXD+/– squelch circuits are active.
TPEX External Components
Figure 1 shows a typical twisted-pair port external
components schematic. The resistors used should
have a
±1% tolerance to ensure interoperability with
10BASE-T-compliant networks. Filters and pulse trans-
formers are necessary devices that have a major influ-
ence on the performance and compliance of a TPEX-
based MAU. Specifically, the transmitted waveforms
are heavily influenced by filter characteristics and the
twisted-pair receivers employ several criteria to contin-
uously monitor the incoming signal’s amplitude and
timing characteristics to determine when and if to as-
sert the internal carrier sense. For these reasons, it is
crucial that the values and tolerances of the external
components be as specified. Several manufacturers
produce a module that combines the functions of the
transmit and receive filters and the pulse transformers
into one package.
Note:
The filter/transformer module shown is available from the following manufacturers: Belfuse, TDK, Pulse Engineering, PCA, Valor
Electronics, and Nano Pulse.
Figure 1.
Typical Twisted-Pair Port External Components
14395D-5
57.6
324.0
768.0
57.6
324.0
100
Ω
Am79C100
TPEX
TXD+
TXP+
TXD–
TXP–
RXD+
RXD–
XMIT
Filter
RECV
Filter
1:1
1:1
TD+
TD–
RD+
RD–
Twisted-Pair
Cable
Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com