Electronic Components Datasheet Search
  English  ▼

X  

AM79C98 Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # AM79C98
Description  Twisted-Pair Ethernet Transceiver (TPEX)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C98 Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button AM79C98 Datasheet HTML 11Page - Advanced Micro Devices AM79C98 Datasheet HTML 12Page - Advanced Micro Devices AM79C98 Datasheet HTML 13Page - Advanced Micro Devices AM79C98 Datasheet HTML 14Page - Advanced Micro Devices AM79C98 Datasheet HTML 15Page - Advanced Micro Devices AM79C98 Datasheet HTML 16Page - Advanced Micro Devices AM79C98 Datasheet HTML 17Page - Advanced Micro Devices AM79C98 Datasheet HTML 18Page - Advanced Micro Devices AM79C98 Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
AMD
15
Am79C98
DC CHARACTERISTICS (continued)
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Twisted Pair Interface
IIRXD
Input Current at RXD+/–
AVSS < VIN < AVDD
–500
500
µA
RRXD
RXD+/– Differential Input
(Note 1)
10
K
Ω
Resistance
VTIVB
RXD+, RXD– Open Circuit Input
IIN = 0 mA
AVDD - 3.0
AVDD - 1.5
V
Voltage (Bias)
VTIDV
Differential Mode Input
AVDD = +5 V
–3.1
3.1
V
Voltage Range (RXD+/–)
VTSQ+
RXD Positive
Sinusoid 5 MHz < f< 10 MHz
300
520
mV
Squelch Threshold (Peak)
VTSQ–
RXD Negative
Sinusoid 5 MHz < f< 10 MHz
–520
–300
mV
Squelch Threshold (Peak)
VTHS+
RXD Post-Squelch Positive
Sinusoid 5 MHz < f< 10 MHz
150
293
mV
Threshold (Peak)
VTHS–
RXD Post-Squelch Negative
Sinusoid 5 MHz < f< 10 MHz
–293
–150
mV
Threshold (Peak)
VRXDTH
RXD Switching Threshold
(Note 1)
–60
60
mV
VTXH
TXD+/– and TXP+/–
(Note 2)
DVDD - 0.6
DVDD
V
Output HIGH Voltage
DVSS = 0 V
VTXL
TXD+/– and TXP+/–
(Note 2)
DVSS
DVSS + 0.6
V
Output LOW Voltage
DVDD = +5 V
VTXI
TXD+/– and TXP+/–
–40
+40
mV
Differential Output
Voltage Imbalance
VTXOFF
TXD+/– and TXP+/–
DVDD = +5 V
–40
+40
mV
Differential Idle Output Voltage
RTX
TXD+/– and TXP+/–
(Note 1)
40
Ω
Differential Driver
Output Impedance
IIREXT
Input Current at REXT Pin
REXT = 24.3K
Ω ± 1%
120
µA
AVDD = +5 V
Power Supply Current
IDD
Power Supply Current
PRDN/RST = HIGH
115
mA
(Transmitting 10 MHz Data)
(Typical TP load)
Power Supply Current
PRDN/RST = HIGH
90
mA
(Transmitting 10 MHz Data)
(No TP load)
IDDPRDN
Power Supply Current
PRDN/RST = LOW
4
mA
in Power Down Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com