Electronic Components Datasheet Search
  English  ▼

X  

LTC1290BCSW Datasheet(PDF) 17 Page - Linear Integrated Systems

Part # LTC1290BCSW
Description  Single Chip 12-Bit Data Acquisition System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC1290BCSW Datasheet(HTML) 17 Page - Linear Integrated Systems

Back Button LTC1290BCSW Datasheet HTML 13Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 14Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 15Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 16Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 17Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 18Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 19Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 20Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 21Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
17
LTC1290
1290fe
S
APPLICATI
I FOR ATIO
Hardware and Software Interface to Motorola
MC68HC05C4 Processor
LTC1290 • AI09
SCLK
DOUT
LTC1290
CS
ANALOG
INPUTS
CO
SCK
MISO
MC68HC05C4
DIN
MOSI
BYTE 1
B10
B9
B8
B11
B6
B5
B4
B7
DOUT from LTC1290 Stored in MC68HC05C4 RAM
MSB*
LOCATION $61
BYTE 2
B2
B1
B0
B3
0
0
0
0
LSB
LOCATION $62
•
•
•
•
*B11 IS MSB IN UNIPOLAR OR SIGN BIT IN BIPOLAR
MC68HC05C4 Code
MNEMONIC
COMMENTS
LDA #$50
Configuration Data for SPCR
STA $0A
Load Data Into SPCR ($0A)
LDA #$FF
Config. Data for Port C DDR
STA $06
Load Data Into Port C DDR
LDA #$0F
Load LTC1290 DIN Data Into ACC
STA $50
Load LTC1290 DIN Data Into $50
START
BCLR 0,$20
CO Goes Low (CS Goes Low)
LDA $50
Load DIN Into ACC from $50
STA $0C
Load DIN Into SPI, Start SCK
NOP
8 NOPs for Timing
LDA $0B
Check SPI Status Reg
LDA $0C
Load LTC1290 MSBs Into ACC
STA $61
Store MSBs in $61
STA $0C
Start Next SPI Cycle
NOP
6 NOPs for Timing
BSET 0,$02
CO Goes High (CS Goes High)
LDA $0B
Check SPI Status Register
LDA $0C
Load LTC1290 LSBs Into ACC
STA $62
Store LSBs in $62
Parallel Port Microprocessors
When interfacing the LTC1290 to an MPU which has a
parallel port, the serial signals are created on the port with
software. Three MPU port lines are programmed to create
the CS, SCLK and DIN signals for the LTC1290. A fourth
port line reads the DOUT line. An example is made of the
Intel 8051/8052/80C252 family.
Intel 8051
To interface to the 8051, the LTC1290 is programmed for
MSB-first format and 12-bit word length. The 8051 gener-
ates CS, SCLK and DIN on three port lines and reads DOUT
on the fourth.
Hardware and Software Interface to Intel 8051 Processor
LTC1290 • AI10
DIN
CS
ACLK
LTC1290
DOUT
ANALOG
INPUTS
P1.1
P1.2
P1.4
ALE
8051
SCLK
P1.3
B10
B9
B8
B11
B6
B5
54
B7
DOUT from LTC1290 Stored in 8051 RAM
MSB*
R2
B2
B1
B0
B3
0
0
0
0
LSB
R3
•
•
•
•
•
•
•
•
*B11 IS MSB IN UNIPOLAR OR SIGN BIT IN BIPOLAR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com