Electronic Components Datasheet Search
  English  ▼

X  

LTC1290BCSW Datasheet(PDF) 24 Page - Linear Integrated Systems

Part # LTC1290BCSW
Description  Single Chip 12-Bit Data Acquisition System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC1290BCSW Datasheet(HTML) 24 Page - Linear Integrated Systems

Back Button LTC1290BCSW Datasheet HTML 20Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 21Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 22Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 23Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 24Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 25Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 26Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 27Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 28Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
24
LTC1290
1290fe
S
APPLICATI
I FOR ATIO
FREQUENCY (kHz)
0
8
12
16
20
424
1290 • F17a
0
–20
–40
–60
–80
–100
–120
–140
fIN = 1kHz
fSAMPLE = 50.6kHz
SNR = 73.25dB
Figure 17a. LTC1290 FFT Plot
FREQUENCY (kHz)
0
8
12
16
20
424
1290 • F17b
0
–20
–40
–60
–80
–100
–120
–140
fIN = 25kHz
fSAMPLE = 50.6kHz
SNR = 72.54dB
Figure 17b. LTC1290 FFT Plot
FREQUENCY (kHz)
0
80
1290 F18
20
40
100
12
11.6
11.2
10.8
10.4
10
9.6
9.2
8.8
60
fSAMPLE = 50.6kHz
Figure 18. LTC1290 ENOB vs Input Frequency
Figure 19. LTC1290 FFT Plot
FREQUENCY (kHz)
0
8
12
16
20
424
1290 • F19
0
–20
–40
–60
–80
–100
–120
fIN1 = 5.1kHz
fIN2 = 5.6kHz
fSAMPLE = 50.6kHz
8. Overvoltage Protection
Applying signals to the analog MUX that exceed the
positive or negative supply of the device will degrade the
accuracy of the A/D and possibly damage the device. For
example this condition would occur if a signal is applied to
the analog MUX before power is applied to the LTC1290.
Another example is the input source is operating from
different supplies of larger value than the LTC1290. These
conditions should be prevented either with proper supply
sequencing or by use of external circuitry to clamp or
current limit the input source. As shown in Figure 20, a 1k
resistor is enough to stand off
±15V (15mA for one only
channel). If more than one channel exceeds the supplies
then the following guidelines can be used. Limit the
current to 7mA per channel and 28mA for all channels.
This means four channels can handle 7mA of input current
each. Reducing the ACLK and SCLK frequencies from the
maximum of 4MHz and 2MHz, respectively, (see Typical
Performance Characteristics curves Maximum ACLK Fre-
quency vs Source Resistance and Sample-and-Hold
Acquisition Time vs Source Resistance) allows the use of
larger current limiting resistors. Use 1N4148 diode clamps
from the MUX inputs to VCC and V – if the value of the series
resistor will not allow the maximum clock speeds to be
used or if an unknown source is used to drive the LTC1290
MUX inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com