Electronic Components Datasheet Search
  English  ▼

X  

LTC1290BCSW Datasheet(PDF) 20 Page - Linear Integrated Systems

Part # LTC1290BCSW
Description  Single Chip 12-Bit Data Acquisition System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC1290BCSW Datasheet(HTML) 20 Page - Linear Integrated Systems

Back Button LTC1290BCSW Datasheet HTML 16Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 17Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 18Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 19Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 20Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 21Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 22Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 23Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 24Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
20
LTC1290
1290fe
S
APPLICATI
I FOR ATIO
4TH SCLK
RON = 500Ω
LAST SCLK
CIN =
100pF
LTC1290
“+”
INPUT
RSOURCE +
VIN +
C1
“–”
INPUT
RSOURCE –
VIN –
C2
LTC1290 F09
Figure 9. Analog Input Equivalent Circuit
“+” Input Settling
This input capacitor is switched onto the “+” input during
the sample phase (tSMPL, see Figure 10). The sample
phase starts at the 4th SCLK cycle and lasts until the falling
edge of the last SCLK (the 8th, 12th or 16th SCLK cycle
depending on the selected word length). The voltage on
the “+” input must settle completely within this sample
time. Minimizing RSOURCE+ and C1 will improve the input
settling time. If large “+” input source resistance must be
used, the sample time can be increased by using a slower
SCLK frequency or selecting a longer word length. With
the minimum possible sample time of 2
µs, RSOURCE+ < 1k
and C1 < 20pF will provide adequate settling.
“–” Input Settling
At the end of the sample phase the input capacitor switches
to the “–” input and the conversion starts (see Figure 10).
During the conversion, the “+” input voltage is effectively
“held” by the sample-and-hold and will not affect the
conversion result. However, it is critical that the “–” input
voltage be free of noise and settle completely during the
first four ACLK cycles of the conversion time. Minimizing
RSOURCE– and C2 will improve settling time. If large “–”
input source resistance must be used, the time allowed for
settling can be extended by using a slower ACLK fre-
quency. At the maximum ACLK rate of 4MHz, RSOURCE–
< 250
Ω and C2 < 20pF will provide adequate settling.
Input Op Amps
When driving the analog inputs with an op amp it is
important that the op amp settle within the allowed time
(see Figure 10). Again, the “+” and “–” input sampling
times can be extended as described above to accommo-
date slower op amps. Most op amps including the LT1797,
LT1800 and LT1812 single supply op amps can be made
to settle well even with the minimum settling windows of
2
µs (“+” input) and 1µs (“–” input) which occur at the
SCLK
CS
“+” INPUT
ACLK
1290 • F10
1
234
• • •
• • •
• • •
MUX ADDRESS
SHIFTED IN
tSMPL
LAST SCLK (8TH, 12TH OR 16TH DEPENDING ON WORD LENGTH)
1
234
1ST BIT TEST
“–” INPUT MUST SETTLE
DURING THIS TIME
SAMPLE
HOLD
“+” INPUT
MUST SETTLE
DURING THIS TIME
“–” INPUT
• • •
Figure 10. “+” and “–” Input Settling Windows



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com