Electronic Components Datasheet Search
  English  ▼

X  

LTC1290BCSW Datasheet(PDF) 27 Page - Linear Integrated Systems

Part # LTC1290BCSW
Description  Single Chip 12-Bit Data Acquisition System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC1290BCSW Datasheet(HTML) 27 Page - Linear Integrated Systems

Back Button LTC1290BCSW Datasheet HTML 23Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 24Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 25Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 26Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 27Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 28Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 29Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 30Page - Linear Integrated Systems LTC1290BCSW Datasheet HTML 31Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
27
LTC1290
1290fe
S
APPLICATI
TYPICAL
SNEAK-A-BIT
TM
The LTC1290’s unique ability to software select the polar-
ity of the differential inputs and the output word length is
used to achieve one more bit of resolution. Using the
circuit below with two conversions and some software, a
2’s complement 12-bit + sign word is returned to memory
inside the MPU. The MC68HC05C4 was chosen as an
example, however, any processor could be used.
Two 12-bit unipolar conversions are performed: the first
over a 0V to 5V span and the second over a 0V to –5V span
(by reversing the polarity of the inputs). The sign of the
input is determined by which of the two spans contained
it. Then the resulting number (ranging from –4095 to
+4095 decimal) is converted to 2’s complement notation
and stored in RAM.
SNEAK-A-BIT Circuit
1290 TA04
22
µF
LT1021-5
MC68HC05C4
SCLK
MOSI
MISO
CO
–5V
0.1
µF
2MHz
CLOCK
OTHER CHANNELS
OR SNEAK-A-BIT
INPUTS
VIN
–5V TO 5V
LTC1290
CHO
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
DGND
VCC
ACLK
SCLK
DIN
DOUT
CS
REF+
REF–
V–
AGND
9V
5V
1ST CONVERSION
(+) CH6
(–) CH7
0V
0V
1ST CONVERSION
4096 STEPS
2ND CONVERSION
4096 STEPS
–5V
2ND CONVERSION
(–) CH6
(+) CH7
0V
VIN
VIN
VIN
5V
–5V
SOFTWARE
8191
STEPS
1290 TA05
SNEAK-A-BIT
SNEAK-A-BIT is a trademark of Linear Technology Corp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com