Electronic Components Datasheet Search
  English  ▼

X  

TAS5076 Datasheet(PDF) 27 Page - Texas Instruments

Part # TAS5076
Description  Six-Channel Digital Audio PWM Processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5076 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TAS5076 Datasheet HTML 23Page - Texas Instruments TAS5076 Datasheet HTML 24Page - Texas Instruments TAS5076 Datasheet HTML 25Page - Texas Instruments TAS5076 Datasheet HTML 26Page - Texas Instruments TAS5076 Datasheet HTML 27Page - Texas Instruments TAS5076 Datasheet HTML 28Page - Texas Instruments TAS5076 Datasheet HTML 29Page - Texas Instruments TAS5076 Datasheet HTML 30Page - Texas Instruments TAS5076 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 64 page
background image
Architecture Overview
22
SLES090A—November 2003—Revised January 2004
TAS5076
REGISTER
SETTING
FUNCTION
0Ch
01h
TC delay channel 1
0Dh
49h
TC delay channel 2
0Eh
91h
TC delay channel 3
0Fh
39h
TC delay channel 4
10h
21h
TC delay channel 5
11h
69h
TC delay channel 6
These values must be reprogrammed every time RESET is asserted. RESET causes default values to be
loaded.
2.4.6 ABD Delay
A 5-bit value is used to delay the A PWM signals with respect to B PWM signals. The value is the same for
all channels. It can be programmed from 0 to 31 DCLK clock cycles. The default ABD value is 20 DCLK clock
cycles (10100). This value is mask programmable.
This value can be changed at any time through the serial control interface.
The optimum value for ABD delay depends on the final system. This value can be adjusted for better
performance with regard to dynamic range and THD. It is recommended that the following ABD delay value
be set instead of the default value. The ABD delay value in conjunction with the TC delay values delivers the
best performance in the TAS5076−5182 EVM board.
REGISTER
SETTING
FUNCTION
12h
1Dh
ABD delay
This value must be reprogrammed every time RESET is asserted. RESET causes the default value to be
loaded.
NOTE:
The performance of a PurePath Digital
 amplifier system is optimized by setting the PWM
timing based upon the type of back-end device that is used and the layout. These values are
set during initialization using the I2C serial interface.
2.4.7 PWM/H-Bridge and Discrete H-Bridge Driver Interface
The TAS5076 provides six PWM outputs, which are designed to drive switching output stages (back-ends)
in both single-ended (SE) and H-bridge (bridge-tied load) configuration. The back ends can be monolithic
power stages (such as the TAS5110) or six discrete differential power stages using gate drivers (such as the
the TAS55182) and MOSFETs in single-ended or bridged configurations.
The TAS5110 device is optimized for bridge-tied load (BTL) configurations. These devices require a pure
differential PWM signal with a third signal (VALID) to control the MUTE state. In the MUTE state, the TAS5110
OUTA and OUTB are both low.
One Channel
of TAS5076
PWM_AP
PWM_AM
VALID
TAS5110
OUTA
OUTB
AP
AM
RESET
BP
BM
Speaker
PWM_BP
PWM_BM
Figure 2−12. PWM Outputs and H-Bridge Driven in BTL Configuration
PurePath Digital is a trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com