Electronic Components Datasheet Search
  English  ▼

X  

HIP2103 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HIP2103
Description  60V, 1A/2A Peak, 1/2 Bridge Driver with 4V UVLO
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP2103 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HIP2103 Datasheet HTML 2Page - Intersil Corporation HIP2103 Datasheet HTML 3Page - Intersil Corporation HIP2103 Datasheet HTML 4Page - Intersil Corporation HIP2103 Datasheet HTML 5Page - Intersil Corporation HIP2103 Datasheet HTML 6Page - Intersil Corporation HIP2103 Datasheet HTML 7Page - Intersil Corporation HIP2103 Datasheet HTML 8Page - Intersil Corporation HIP2103 Datasheet HTML 9Page - Intersil Corporation HIP2103 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
HIP2103, HIP2104
6
FN8276.0
November 27, 2013
VDD Drop Output Voltage
(Figure 7)
VDdout
Load = 75mA
0.06
0.7
V
VCC Output Voltage Over Rated
Line, Load, and Temperature
VCC3.3
Nominal VCC = 3.3V
-3.9
+1.8
+4.3
- 5%
+ 5%
%
VCC Rated Output Current
ICDR
75
mA
VCC Output Current Limit
(brick wall)
ICC
83
149
237
80
245
mA
VCC Drop Output Voltage
(Figure 8)
VCdout
Load = 75mA
0.5
0.9
V
BIAS CURRENTS
VDD Sleep Mode Current
(HIP2103)
IDDS
HI = LI = 1, after 10 to 30µs delay
9.4
20
µA
VBAT Shutdown Current
(HIP2104)
IDDSbatt VCen = VDen = 0, after 10 to 30µs
delay, VBAT = 50V
4.8
15
µA
VBAT (HIP2104) or VDD
(HIP2103) Operating Current
IDDO20
f = 20kHz, HI = LI = 50% square wave
VDD = 12V for HIP2103
832
1040
µA
IDDO10
f = 10kHz, HI = LI = 50% square wave
VDD = 12V for HIP2103
661
825
µA
HB to HS Quiescent Current
IHBQ
HI = 1, LO = 0, VHS = 0V, VHB = 12V
135
160
µA
HB to HS Operating Current
IHBS20K LI = 0, HI = 50% square wave
20kHz, VHS = 0V, VHB = 12V
206
245
µA
IHBS10K LI = 0, HI = 50% square wave
10kHz, VHS = 0V, VHB = 12V
167
193
µA
HB to VSS Operating Current
IHB20K
LI = 0, HI = 50% square wave
20kHz, VHB = 60V, VHS = 50V
201
240
µA
IHB10K
LI = 0, HI = 50% square wave
10kHz, VHB = 60V, VHS = 50V
164
190
µA
HB to VSS Quiescent Current
IHBQ
LI = HI = 0V; VHB = 60V, VHS = 50V
120
145
µA
HS to VSS Current, Sleep Mode
IHBS
LI = HI = 1; HB open, VHS = 50V
0.03
+1
µA
INPUT PINS
Low Level Input Voltage
Threshold
VIL
VDD = 12V
1.44
1.18
1.63
V
High Level Input Voltage
Threshold
VIH
2.06
1.73
2.4
V
Input Voltage Hysteresis
VHys
0.62
0.48
0.85
V
Low Level Input Voltage
Threshold
VIL
VDD = 5V
1.13
0.9
1.25
V
High Level Input Voltage
Threshold
VIH
1.63
1.38
1.84
V
Input Voltage Hysteresis
VHys
0.50
0.36
0.63
V
Input Pull-Down
RI
100
80
130
kΩ
DC Electrical Specifications VDD = VHB = 12V (for HIP2103), VSS = VHS = 0V, VBAT = 18V (for HIP2104), LI = HI = 0V. No load on HO
and LO unless otherwise specified. Boldface limits apply over the operating junction temperature range, -40°C to +125°C. (Continued)
PARAMETERS
SYMBOL
TEST CONDITIONS
TJ = +25°C
TJ = -40°C to +125°C
UNITS
MIN
TYP
MAX
MIN
(Note 12)
MAX
(Note 12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com