Electronic Components Datasheet Search
  English  ▼

X  

HIP2103 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HIP2103
Description  60V, 1A/2A Peak, 1/2 Bridge Driver with 4V UVLO
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP2103 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HIP2103 Datasheet HTML 3Page - Intersil Corporation HIP2103 Datasheet HTML 4Page - Intersil Corporation HIP2103 Datasheet HTML 5Page - Intersil Corporation HIP2103 Datasheet HTML 6Page - Intersil Corporation HIP2103 Datasheet HTML 7Page - Intersil Corporation HIP2103 Datasheet HTML 8Page - Intersil Corporation HIP2103 Datasheet HTML 9Page - Intersil Corporation HIP2103 Datasheet HTML 10Page - Intersil Corporation HIP2103 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
HIP2103, HIP2104
7
FN8276.0
November 27, 2013
UNDERVOLTAGE LOCKOUT (Note 13)
VDD Falling Threshold
VUVF4 4V option
4.2
3.98
4.36
V
VDD Threshold Hysteresis
VUVH
0.34
0.267
0.37
V
BOOT FET
On Resistance
RDon
IVDD-HB = 75mA, HI = 0, LI = 1
8.2
2.42
15
Ω
LO GATE DRIVER
Sinking rDS(ON)
RDSLOL ILO = 100mA, LI = 0
2.68
0.61
11
Ω
Sourcing rDS(ON)
RDSLOH ILO = -75mA, HI = 1
6.47
2.3
15
Ω
Peak Pull-Up Current
ILOH12
HI = 1
VDD = 12V, Cload = 1000pF
1A
ILOH5
HI = 1
VDD = 5V, Cload = 1000pF
(HIP2103 only)
A
Peak Pull-Down Current
ILOL12
HI = 0
VDD = 12V, Cload = 1000pF
2A
ILOL5
HI = 0
VDD = 5V, Cload = 1000pF
(HIP2103 only)
A
HO GATE DRIVER
Sinking rDS(ON)
RDSHOL IHO = 100mA, HI = 0
6.1
4.4
11
Ω
Sourcing rDS(ON)
RDSHOH IHO = -100mA, HI = 1
11.9
9.7
15
Ω
Peak Pull-Up Current
IHOH12
HI = 1
VDD = 12V, Cload = 1000pF
1A
IHOH5
HI = 1
VDD = 5V, Cload = 1000pF
(HIP2103 only)
1A
Peak Pull-Down Current
IHOL12
HI = 0
VDD = 12V, Cload = 1000pF
2A
IHOL5
HI = 0
VDD = 5V, Cload = 1000pF
(HIP2103 only)
A
NOTES:
12. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
13. The UV lockout does not disable the VDD and VCC outputs.
DC Electrical Specifications VDD = VHB = 12V (for HIP2103), VSS = VHS = 0V, VBAT = 18V (for HIP2104), LI = HI = 0V. No load on HO
and LO unless otherwise specified. Boldface limits apply over the operating junction temperature range, -40°C to +125°C. (Continued)
PARAMETERS
SYMBOL
TEST CONDITIONS
TJ = +25°C
TJ = -40°C to +125°C
UNITS
MIN
TYP
MAX
MIN
(Note 12)
MAX
(Note 12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com