Electronic Components Datasheet Search
  English  ▼

X  

HIP2103 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HIP2103
Description  60V, 1A/2A Peak, 1/2 Bridge Driver with 4V UVLO
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP2103 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HIP2103 Datasheet HTML 5Page - Intersil Corporation HIP2103 Datasheet HTML 6Page - Intersil Corporation HIP2103 Datasheet HTML 7Page - Intersil Corporation HIP2103 Datasheet HTML 8Page - Intersil Corporation HIP2103 Datasheet HTML 9Page - Intersil Corporation HIP2103 Datasheet HTML 10Page - Intersil Corporation HIP2103 Datasheet HTML 11Page - Intersil Corporation HIP2103 Datasheet HTML 12Page - Intersil Corporation HIP2103 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
HIP2103, HIP2104
9
FN8276.0
November 27, 2013
Time Delay to Set Sleep Mode
(Note 14, Figure 4)
tSlpS
HI = LI = 0 -> 1
17
927
µs
Time Delay to Reset Sleep Mode
(Note 14, Figure 4)
tSlpR
HI = 0, LI = 0 -> 1
17
927
µs
NOTE:
14. When HI and LI are on simultaneously, HO and LO are never on simultaneously. This feature is intended to initiate sleep. This feature cannot be used
to prevent shoot-through for normal alternating switching between LI and HI. Dead time must be provided when HI = 0 -> LI = 1, or LI = 0 -> HI = 1.
See Timing Diagrams (Figure 4).
AC Electrical Specifications VDD = 12V, GND = 0V, No Load on OUTA or OUTB, Unless Otherwise Specified. VDD load = 1µF and VCC
load = 1µF (HIP2104 only) Boldface limits apply over the operating junction temperature range, -40°C to +125°C. (Continued)
PARAMETERS
SYMBOL
TEST CONDITIONS
TJ = +25°C
TJ = -40°C to +125°C
UNITS
MIN
TYP
MAX
MIN
MAX
Timing Diagrams
FIGURE 3. VDD POWER-ON/OFF TIMING FOR SLEEP MODE
2M
Ω to HS
2M
Ω to HS
100
Ω to LS
100
Ω to LS
HO = Logic inputs
LO = Logic inputs
UV threshold
HO
LO
*SLEEP
UVLO
VDD
VDen
VCC
VCen
HO
LO
*SLEEP
UVLO
VDD
VDen
VCC
VCen
tVCen
tVDen
tSlpS
tSlpR
(Vden and VCen apply to HIP2104 only)
*Sleep is an internal state. Minimal IDD or IBAT current results when active (high).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com