Electronic Components Datasheet Search
  English  ▼

X  

HIP2103 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HIP2103
Description  60V, 1A/2A Peak, 1/2 Bridge Driver with 4V UVLO
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP2103 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HIP2103 Datasheet HTML 4Page - Intersil Corporation HIP2103 Datasheet HTML 5Page - Intersil Corporation HIP2103 Datasheet HTML 6Page - Intersil Corporation HIP2103 Datasheet HTML 7Page - Intersil Corporation HIP2103 Datasheet HTML 8Page - Intersil Corporation HIP2103 Datasheet HTML 9Page - Intersil Corporation HIP2103 Datasheet HTML 10Page - Intersil Corporation HIP2103 Datasheet HTML 11Page - Intersil Corporation HIP2103 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
HIP2103, HIP2104
8
FN8276.0
November 27, 2013
AC Electrical Specifications VDD = 12V, GND = 0V, No Load on OUTA or OUTB, Unless Otherwise Specified. VDD load = 1µF and VCC
load = 1µF (HIP2104 only) Boldface limits apply over the operating junction temperature range, -40°C to +125°C.
PARAMETERS
SYMBOL
TEST CONDITIONS
TJ = +25°C
TJ = -40°C to +125°C
UNITS
MIN
TYP
MAX
MIN
MAX
VDen and VCen Turn-On Delay
(Figure 5) (HIP2104 only)
tDen
tCen
VDen = VCen = 1,
VCC = VDD = 10%,
VBAT = 50V
1.69
1.0
2.5
ms
VDen and VCen Turn-on Delay
(Figure 5) (HIP2104 only)
tDen
tCen
VDen = VCen = 1,
VCC = VDD = 10%,
VBAT = 18V
1.68
1.1
2.54
ms
VDen and VCen Turn-on Delay Matching
(Figure 5) (VDen - VCen) (HIP2104 only)
tVenM
VDen = VCen = 1,
VCC = 10%, VDD = 10%
VBAT = 50V
40
-290
340
ns
VDen and VCen Turn-on Delay Matching
(Figure 5) (VDen - VCen) (HIP2104 only)
tVenM
VDen = VCen = 1,
VCC = 10%, VDD = 10%
VBAT = 18V
40
-290
350
ns
LO Turn-Off Propagation Delay
(LI to LO falling) (Figure 6)
tFL12
HI = 0, LI = 1 to 0
VDD = 12V
27
13
39
ns
tFL5
HI = 0, LI = 1 to 0
VDD = 5V (HIP2103 only)
30
23
46
ns
HO Turn-Off Propagation Delay
(HI to HO falling) (Figure 6)
tFH12
LI = 0, HI = 1 to 0
VDD = 12V
23
10
35
ns
tFH5
LI = 0, HI = 1 to 0
Vv = 5V (HIP2103 only)
27
19
38
ns
LO Turn-On Propagation Delay
(LI to LO rising) (Figure 6)
tRL12
HI = 0, LI = 0 to 1
VDD = 12V
21
732
ns
tRL5
HI = 0, LI = 0 to 1
VDD = 5V (HIP2103 only)
25
12
37
ns
HO Turn-On Propagation Delay
(HI to HO rising) (Figure 6)
tRH12
LI = 0, HI = 0 to 1
VDD = 12V
23
935
ns
tRH5
LI = 0, HI = 0 to 1
VDD = 5V (HIP2103 only)
28
15
40
ns
Turn-On/Off Propagation Mismatch
(HO rising to LO falling) (Figure 6)
tMONHL LI = 1 -> 0
HI = 0 -> 1
-2.5
-8
+3
ns
Turn-On/Off Propagation Mismatch
(LO rising to HO falling) (Figure 6)
tMONLH HI = 1 -> 0
LI = 0 -> 1
-4.2
-9.0
+5.4
ns
LO Output Rise Time
(10% to 90% )
tR12
CL = 1nF
VDD = 12V
20.5
735
ns
tR5
CL = 1nF
VDD = 5V (HIP2103 only)
19.5
632
ns
HO Output Rise Time
(10% to 90%)
tR12
CL = 1nF
VDD = 12V
21
835
ns
tR5
CL = 1nF
VDD = 5V (HIP2103 only)
21
834
ns
LO Output Fall Time
(90% to 10%)
tF12
CL = 1nF
VDD = 12V
17
330
ns
tF5
CL = 1nF
VDD = 5V (HIP2103 only)
17
330
ns
HO Output Fall Time
(90% to 10%)
tF12
CL = 1nF
VDD = 12V
16
230
ns
tF5
CL = 1nF
VDD = 5V (HIP2103 only)
16
1.5
29
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com